データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FMBT3904 データシート(PDF) 2 Page - Formosa MS

部品番号 FMBT3904
部品情報  200mA Silicon NPN Epitaxial Planar Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FORMOSA [Formosa MS]
ホームページ  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMBT3904 データシート(HTML) 2 Page - Formosa MS

  FMBT3904_11 Datasheet HTML 1Page - Formosa MS FMBT3904_11 Datasheet HTML 2Page - Formosa MS FMBT3904_11 Datasheet HTML 3Page - Formosa MS FMBT3904_11 Datasheet HTML 4Page - Formosa MS FMBT3904_11 Datasheet HTML 5Page - Formosa MS FMBT3904_11 Datasheet HTML 6Page - Formosa MS FMBT3904_11 Datasheet HTML 7Page - Formosa MS FMBT3904_11 Datasheet HTML 8Page - Formosa MS FMBT3904_11 Datasheet HTML 9Page - Formosa MS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Package outline
Page 2
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
200mA Silicon NPN Epitaxial Planar
Transistor
collector-emitterbreakdien voltage.
(BV
= 40V@I =1mA)
S
Lead-free parts for green partner, exceeds environmental
standards of MIL-STD-19500 /228
Features
CEO
C
mall load switch transistor with high gain and low
stauration voltage, is designed for general purpose
amflifier and switching applications at collector current.
Capable of 225mW power dissipation.
Suffix "-H" indicates Halogen free part, ex. FMΒΤ3904-H.
High
PARAMETER
Collector-Base voltage
Collector-Emitter voltage
Emitter-Base voltage
Collector current
Total device dissipation FR-5 board
(1)
Storage temperature
Operating temperature
CONDITIONS
Symbol
V
CBO
V
CEO
V
EBO
I
C
P
D
T
J
T
STG
MIN.
-55
-65
TYP.
MAX.
60
40
6.0
200
+150
+150
UNIT
V
V
V
mA
mW
oC
Maximum ratings (AT T =25 C unless otherwise noted)
A
o
Junction to ambient
R
θJA
556
OC/W
Mechanical data
Epoxy:UL94-V0 rated flame retardant
Case :
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
Mounting Position : Any
Molded plastic, SOT-23
Weight : Approximated 0.008 gram
P
D
Thermal resistance
225
1.8
T= 25 C
A
O
Derate above 25 C
O
NPN Epitaxial Planar Transistor
Formosa MS
mW/ C
O
Total device dissipation alumina
substrate(2)
P
D
mW
Junction to ambient
R
θJA
417
OC/W
P
D
Thermal resistance
300
2.4
T= 25 C
A
O
Derate above 25 C
O
mW/ C
O
1.FR-5 = 1.0 X 0.75 X0.062 in.
2.Alumina = 0.4 X 0.3 X 0.024 in. 99.5% alumina.
FMBT3904
Document ID
Issued Date
Revised Date
Revision
Page.
SOT-23
Dimensions in inches and (millimeters)
0.035 (0.89)
0.051 (1.30)
0.063 (1.60)
0.047 (1.20)
0.108 (2.75)
0.083 (2.10)
0.027 (0.67)
0.013 (0.32)
(A)
(B)
(C)
DS-231106
2008/02/10
2011/07/21
E
11


同様の部品番号 - FMBT3904_11

メーカー部品番号データシート部品情報
logo
Formosa MS
FMBT3904 FORMOSA-FMBT3904_17 Datasheet
461Kb / 11P
   SMD NPN Transistor
More results

同様の説明 - FMBT3904_11

メーカー部品番号データシート部品情報
logo
Formosa MS
FMBT3906 FORMOSA-FMBT3906_11 Datasheet
729Kb / 10P
   200mA Silicon PNP Epitaxial Planar Transistor
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com