データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5A23157-Q1 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS5A23157-Q1
部品情報  DUAL 15-W SPDT ANALOG SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A23157-Q1 データシート(HTML) 5 Page - Texas Instruments

  TS5A23157-Q1 Datasheet HTML 1Page - Texas Instruments TS5A23157-Q1 Datasheet HTML 2Page - Texas Instruments TS5A23157-Q1 Datasheet HTML 3Page - Texas Instruments TS5A23157-Q1 Datasheet HTML 4Page - Texas Instruments TS5A23157-Q1 Datasheet HTML 5Page - Texas Instruments TS5A23157-Q1 Datasheet HTML 6Page - Texas Instruments TS5A23157-Q1 Datasheet HTML 7Page - Texas Instruments TS5A23157-Q1 Datasheet HTML 8Page - Texas Instruments TS5A23157-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.ti.com
Electrical Characteristics for 3.3-V Supply
TS5A23157-Q1
DUAL 15-
Ω SPDT ANALOG SWITCH
SCDS252 – JULY 2007
V+ = 3 V to 3.6 V, TA = –40°C to 105°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP(1)
MAX
UNIT
Analog Switch
VCOM,
Analog signal range
0
V+
V
VNO, VNC
0
≤ V
NO or VNC ≤ V+,
Switch ON,
ON-state resistance
ron
Full
3 V
23
ICOM = –24 mA,
See Figure 6
ON-state resistance
VNO or VNC = 2.1 V,
Switch ON,
match between
Δron
25
°C
3 V
0.2
ICOM = –24 mA,
See Figure 6
channels
ON-state resistance
0
≤ V
NO or VNC ≤ V+,
Switch ON,
ron(flat)
25
°C
3 V
9
flatness
ICOM = –24 mA,
See Figure 6
25
°C
–1
0.05
1
NC, NO
INC(OFF),
VNC or VNO = 0 to V+,
Switch OFF,
3.6 V
μA
OFF leakage current
INO(OFF)
VCOM = 0 to V+,
See Figure 7
Full
–1
1
25
°C
–0.1
0.1
NC, NO
INC(ON),
VNC or VNO = 0 to V+,
Switch ON,
3.6 V
μA
ON leakage current
INO(ON)
VCOM = Open,
See Figure 7
Full
–1
1
25
°C
–0.1
0.1
COM
VNC or VNO = Open,
Switch ON,
ICOM(ON)
3.6 V
μA
ON leakage current
VCOM = 0 to V+,
See Figure 7
Full
–1
1
Digital Inputs (IN1, IN2)(2)
Input logic high
VIH
Full
V+ × 0.7
V
Input logic low
VIL
Full
V+ × 0.3
V
25
°C
–1
0.05
1
Input leakage
IIH, IIL
VIN = 5.5 V or 0
3.6 V
μA
current
Full
–1
1
Dynamic
VNC = GND and VNO = V+,
RL = 500 Ω,
3 V to
Turn-on time
tON
or
CL = 50 pF,
Full
2.0
10.6
ns
3.6 V
VNC = V+ and VNO = GND,
See Figure 9
VNC = GND and VNO = V+,
RL = 500 Ω,
3 V to
Turn-off time
tOFF
or
CL = 50 pF,
Full
1.0
8.3
ns
3.6 V
VNC = V+ and VNO = GND,
See Figure 9
Break-before-make
VNC = VNO = V+/2,
CL = 35 pF,
3 V to
tBBM
25
°C
0.5
ns
time
RL = 50 Ω,
See Figure 10
3.6 V
RL = 50 Ω,
Charge injection
QC
See Figure 14
25
°C
3.3 V
3
pC
CL = 0.1 nF,
RL = 50 Ω,
Bandwidth
BW
See Figure 11
25
°C
3 V
220
MHz
Switch ON,
RL = 50 Ω,
Switch OFF,
OFF isolation
OISO
25
°C
3 V
–65
dB
f = 10 MHz,
See Figure 12
RL = 50 Ω,
Switch ON,
Crosstalk
XTALK
25
°C
3 V
–66
dB
f = 10 MHz,
See Figure 13
f = 600 Hz to
Total harmonic
RL = 600 Ω,
THD
20 kHz,
25
°C
3 V
0.015
%
distortion
CL = 50 pF,
See Figure 15
Supply
25
°C
1
Positive supply
Switch ON or
I+
VIN = V+ or GND,
3.6 V
μA
current
OFF
Full
10
Change in
ΔI+
VIN = V+ – 0.6 V
Full
3.6 V
500
μA
supply current
(1)
TA = 25°C
(2)
All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
5
Submit Documentation Feedback


同様の部品番号 - TS5A23157-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A23157-Q1 TI1-TS5A23157-Q1 Datasheet
784Kb / 21P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
TS5A23157-Q1 TI1-TS5A23157-Q1_14 Datasheet
784Kb / 21P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
TS5A23157-Q1 TI-TS5A23157-Q1_15 Datasheet
747Kb / 20P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
More results

同様の説明 - TS5A23157-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A23157-Q1 TI-TS5A23157-Q1_15 Datasheet
747Kb / 20P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
TS5A23157-Q1 TI1-TS5A23157-Q1_14 Datasheet
784Kb / 21P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
TS5A3159-EP TI1-TS5A3159-EP_14 Datasheet
876Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
TS5A3159-EP TI-TS5A3159-EP_15 Datasheet
802Kb / 26P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
logo
ON Semiconductor
NLAS5223C ONSEMI-NLAS5223C Datasheet
117Kb / 10P
   Dual SPDT Analog Switch
September, 2015 ??Rev. 2
logo
Vishay Siliconix
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
   Dual SPDT Analog Switch
Rev. B, 25-Apr-11
logo
Protek Devices
PA2268 PROTEC-PA2268_15 Datasheet
154Kb / 9P
   DUAL SPDT ANALOG SWITCH
logo
Vishay Siliconix
DG9636 VISHAY-DG9636 Datasheet
185Kb / 10P
   Dual SPDT Analog Switch
Rev. B, 06-Sep-10
DG9636 VISHAY-DG9636_V01 Datasheet
185Kb / 12P
   Dual SPDT Analog Switch
08-Feb-17
DG9236 VISHAY-DG9236_V01 Datasheet
256Kb / 13P
   Dual SPDT Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com