データシートサーチシステム |
|
EZPE80106LTA データシート(PDF) 2 Page - Panasonic Semiconductor |
|
EZPE80106LTA データシート(HTML) 2 Page - Panasonic Semiconductor |
2 / 4 page Plastic Film Capacitors Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. Dimensions in mm (not to scale) Rating, Dimensions & Quantity / Ammo Box Type EZPE Rated voltage : 800 VDC at 70 ( 700VDC at 85 ) Dimensions [mm] Permissible current Part Number CR [ F] W H L P1 P2 dv/dt [V/ s] Peak Current [Ao-p] ( *1 ) RMS Current [Arms] ( *2 ) ESRtyp [m ] ( *3 ) tan [%] ( *4 ) Mass [g] MOQ [pcs] ( *5 ) EZPE80106LTA 10 20 42 41.5 37.5 - 1.2 22 220 7.0 15.8 0.22 44 600 EZPE80156MTA 15 20 42 41.5 37.5 10.2 1.2 22 330 9.0 10.5 0.22 43 600 EZPE80206MTA 20 30 51 41.5 37.5 10.2 1.2 22 440 11.0 7.7 0.22 82 400 EZPE80256MTA 25 30 51 41.5 37.5 10.2 1.2 22 550 13.0 6.4 0.22 80 400 EZPE80306MTA 30 30 51 41.5 37.5 20.3 1.2 22 660 15.0 5.3 0.22 78 400 EZPE80356MTA 35 30 51 57.5 52.5 10.2 1.2 15 525 12.0 9.7 0.33 110 200 EZPE80406MTA 40 30 51 57.5 52.5 20.3 1.2 15 600 13.0 8.3 0.33 107 200 EZPE80456MTA 45 30 51 57.5 52.5 20.3 1.2 15 675 14.0 7.0 0.33 104 200 EZPE80506MTA 50 35 56 57.5 52.5 20.3 1.2 15 750 15.0 6.3 0.33 140 200 EZPE80556MTA 55 35 56 57.5 52.5 20.3 1.2 15 825 16.0 5.9 0.33 138 200 EZPE80606MTA 60 35 56 57.5 52.5 20.3 1.2 15 900 17.0 5.6 0.33 136 200 *1 : When rising temperature of capacitor surface by continuous peak current (included pulse current), use within limit specified for temperature of capacitor surface and self heating temperature rise. *2 : Maximum RMS current @ 70 , 10 kHz Use within limit for self heating temperature rise at capacitor surface. *3 : Typical values @ 20 , 10 kHz ESR : less than 2.5 × ESRtyp *4 : Maximum dissipation factor @20 , 1 kHz *5 : Minimum order quantity consists of 4 packing units. (a) Rated voltage (b) Capacitance (c) Lot No. ( a ) ( b ) ( c ) |
同様の部品番号 - EZPE80106LTA |
|
同様の説明 - EZPE80106LTA |