データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMB135 データシート(PDF) 8 Page - Summit Microelectronics, Inc.

部品番号 SMB135
部品情報  Programmable Switch-mode, USB/AC Input Li Battery Charger with TurboCharge Mode
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUMMIT [Summit Microelectronics, Inc.]
ホームページ  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB135 データシート(HTML) 8 Page - Summit Microelectronics, Inc.

Back Button SMB135_08 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMB135_08 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMB135_08 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMB135_08 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB135_08 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB135_08 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMB135_08 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMB135_08 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMB135_08 Datasheet HTML 12Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
SMB135
Summit Microelectronics, Inc
2106 3.1 11/4/2008
8
DC OPERATING CHARACTERISTICS (CONTINUED)
TA= -30°C to +85°C, VIN = +5.0V, VFLOAT = +4.2V unless otherwise noted. All voltages are relative to GND.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Battery Charger
VRECH
Recharge threshold voltage
115
mV
CMR
Common mode range
Current Sense Amplifier,
Note 4
2
VBATT
V
THI
Charge cutoff temp (high)
Adjustable, conditions per
typical application
30
65
oC
TLO
Charge cutoff temp (low)
Adjustable, conditions per
typical application
-20
15
oC
Note 4: Guaranteed by Design.
AC OPERATING CHARACTERISTICS
TA= -30°C to +85°C, VIN = +5.0V, VFLOAT = +4.2V unless otherwise noted. All voltages are relative to GND.
Symbol
Description
Conditions
Min
Typ
Max
Unit
Oscillator
fOSC
Frequency range
250kHz steps (3 settings)
750
1250
kHz
∆fOSC
Frequency accuracy
fOSC=1.25MHz (default), T=0
oC to
+70
oC
1.125
1.250
1.375
MHz
tSTART
Start-up time
Note 5
20
ms
Disabled
0
msec
tGLITCH
Glitch filter
Enabled
250
msec
Short
0
1
msec
tHOLDOFF
Hold-off time
Long
256
msec
tFCTO = 350min
tFCTO = 699min
tFCTO
Fast-charge Timeout
tFCTO = 1398min
-15
tFCTO
+15
%
tPCTO = 44min
tPCTO = 87min
tPCTO
Pre-charge Timeout
tPCTO = 175min
-15
tPCTO
+15
%
Note 5: This is the time it takes for the device to be ready for I2C communication or charging after power-up (including coming out of shutdown).
When charging is enabled, actual charging begins after the hold-off timer has expired.


同様の部品番号 - SMB135_08

メーカー部品番号データシート部品情報
logo
Summit Microelectronics...
SMB135 SUMMIT-SMB135 Datasheet
174Kb / 1P
   Programmable, USB/AC, Switch-Mode Battery Charger
More results

同様の説明 - SMB135_08

メーカー部品番号データシート部品情報
logo
Summit Microelectronics...
SMB138 SUMMIT-SMB138 Datasheet
412Kb / 2P
   Programmable Switch-mode, USB/AC Input Li Battery Charger with TurboCharge
SMB329 SUMMIT-SMB329 Datasheet
141Kb / 1P
   Programmable Switch-mode, Li Battery Chargers with TurboCharge Mode
SMB135 SUMMIT-SMB135 Datasheet
174Kb / 1P
   Programmable, USB/AC, Switch-Mode Battery Charger
SMB136 SUMMIT-SMB136 Datasheet
149Kb / 1P
   Programmable Switching Li Battery Charger with USB/AC Input, CurrentPath??Manager
SMB137B SUMMIT-SMB137B Datasheet
152Kb / 1P
   Programmable Switching Li Battery Charger with USB/AC Input, CurrentPath??Manager
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451 Datasheet
420Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
logo
Linear Technology
LTC4002-4.2 LINER-LTC4002-4.2 Datasheet
204Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Eutech Microelectronics...
EUP8207-4.2 EUTECH-EUP8207-4.2 Datasheet
131Kb / 2P
   Switch Mode Li-Ion/Polymer Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4066 HMSEMI-HM4066 Datasheet
1Mb / 19P
   Switch Mode Li-Ion/Polymer Battery Charger
logo
Summit Microelectronics...
SMB137C SUMMIT-SMB137C Datasheet
45Kb / 1P
   Programmable Switching Li Battery Charger with USB/AC Input, CurrentPath Manager,TurboChargeTM Mode, Low Battery Recovery, AICLand USB OTG/HDMI/MHL Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com