データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC1843-HIREL データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 UC1843-HIREL
部品情報  CURRENT MODE PWM CONTROLLER (KNOWN GOOD DIE)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

UC1843-HIREL データシート(HTML) 6 Page - Texas Instruments

Back Button UC1843-HIREL Datasheet HTML 2Page - Texas Instruments UC1843-HIREL Datasheet HTML 3Page - Texas Instruments UC1843-HIREL Datasheet HTML 4Page - Texas Instruments UC1843-HIREL Datasheet HTML 5Page - Texas Instruments UC1843-HIREL Datasheet HTML 6Page - Texas Instruments UC1843-HIREL Datasheet HTML 7Page - Texas Instruments UC1843-HIREL Datasheet HTML 8Page - Texas Instruments UC1843-HIREL Datasheet HTML 9Page - Texas Instruments UC1843-HIREL Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CURRENT SENSE CIRCUIT
Peak Current (IS ) is Determined By The Formula
ERROR
AMP
2R
R
1 V
5
COMP
CURRENT
SENSE
GND
IS
R
C
RS
CURRENT
SENSE
COMPARATOR
,1.0 V
RS
ISMAX
1
3
5
OSCILLATOR SECTION
8
4
5
VREF
RT/CT
GROUND
RT
CT
For RT> 5 K f ~
1.72
RTCT
30
10
3
1
0.3
1
2.2
4.7
10
22
47
100
CT - nF
Deadtime vs CT (RT >5 k )
100
30
10
3
100
1 k
10 k
100 k
1 M
f - Frequenc y - Hz
Timing Resistance vs Frequency
OUTPUT SATURATION CHARACTERISTICS
4
3
2
1
0
.01
.02
.03 .04 .05
.07 .1
.2
.3 .4 .5
.7
1
SINK SAT (VOL)
SOURCE SAT
(VCC - VOH)
VCC = 15 V
TA = 25°C
TA = -55 °C
Output Current, Source or Sink - A
UC1843-HiRel
SLUS896A – AUGUST 2009 – REVISED AUGUST 2009 .................................................................................................................................................. www.ti.com
A small RC filter may be required to suppress switch transients.
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): UC1843-HiRel


同様の部品番号 - UC1843-HIREL

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1843-HIREL TI-UC1843-HIREL_15 Datasheet
182Kb / 10P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER (KNOWN GOOD DIE)
More results

同様の説明 - UC1843-HIREL

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1843-HIREL TI-UC1843-HIREL_15 Datasheet
182Kb / 10P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER (KNOWN GOOD DIE)
logo
M/A-COM Technology Solu...
AN3018 MA-COM-AN3018 Datasheet
69Kb / 2P
   Known Good Die Delivery Specification
logo
Texas Instruments
SMJ320C50KGDC TI1-SMJ320C50KGDC Datasheet
119Kb / 7P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
TMP320C50KGD TI1-TMP320C50KGD_14 Datasheet
153Kb / 8P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
TMP320C50KGD TI-TMP320C50KGD Datasheet
81Kb / 6P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
SMJ320C30KGDM40C TI1-SMJ320C30KGDM40C Datasheet
133Kb / 10P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
SMJ320C30KGDB TI-SMJ320C30KGDB Datasheet
116Kb / 9P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com