データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ABT125Q-Q1 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74ABT125Q-Q1
部品情報  QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT125Q-Q1 データシート(HTML) 3 Page - Texas Instruments

  SN74ABT125Q-Q1 Datasheet HTML 1Page - Texas Instruments SN74ABT125Q-Q1 Datasheet HTML 2Page - Texas Instruments SN74ABT125Q-Q1 Datasheet HTML 3Page - Texas Instruments SN74ABT125Q-Q1 Datasheet HTML 4Page - Texas Instruments SN74ABT125Q-Q1 Datasheet HTML 5Page - Texas Instruments SN74ABT125Q-Q1 Datasheet HTML 6Page - Texas Instruments SN74ABT125Q-Q1 Datasheet HTML 7Page - Texas Instruments SN74ABT125Q-Q1 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SN74ABT125Q-Q1
QUADRUPLE BUS BUFFER GATE
WITH 3-STATE OUTPUTS
SCAS686B − DECEMBER 2002 − REVISED JANUARY 2008
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
MAX
UNIT
VIK
VCC = 4.5 V,
II = −18 mA
−1.2
−1.2
V
VCC = 4.5 V,
IOH = −3 mA
2.5
2.5
VOH
VCC = 5 V,
IOH = −3 mA
3
3
V
VOH
VCC = 4.5 V
IOH = −16 mA
2
2
V
VOL
VCC = 4.5 V
IOL = 32 mA
0.55
0.55
V
Vhys
100
mV
II
VCC = 0 to 5.5 V,
VI = VCC or GND
±1
±1
μA
IOZPU
VCC = 0 to 2.1 V, VO = 0.5 V to 2.7 V, OE = X
±50
±50
μA
IOZPD
VCC = 2.1 V to 0, VO = 0.5 V to 2.7 V, OE = X
±50
±50
μA
IOZH
VCC = 2.1 V to 5.5 V,
VO = 2.7 V, OE ≥ 2 V
10
10
μA
IOZL
VCC = 2.1 V to 5.5 V,
VO = 0.5 V, OE ≥ 2 V
−10
−10
μA
Ioff
VCC = 0,
VI or VO ≤ 4.5 V
±100
μA
ICEX
VCC = 5.5 V,
VO = 5.5 V
Outputs high
50
50
μA
IO‡
VCC = 5.5 V,
VO = 2.5 V
−50
−100
−200§
−50
−200§
mA
VCC = 5.5 V,
Outputs high
1
250
250
μA
ICC
VCC = 5.5 V,
IO = 0,
Outputs low
24
30
30
mA
ICC
IO
0,
VI = VCC or GND
Outputs disabled
0.5
250
250
μA
Data
VCC = 5.5 V,
One input at34V
Outputs enabled
1.5
1.5
ΔICC¶
Data
inputs
One input at 3.4 V,
Other inputs at VCC or GND
Outputs disabled
0.05
0.05
mA
ΔICC¶
Control
inputs
VCC = 5.5 V, One input at 3.4 V,
Other inputs at VCC or GND
1.5
1.5
mA
Ci
VI = 2.5 V or 0.5 V
3
pF
Co
VO = 2.5 V or 0.5 V
7
pF
All typical values are at VCC = 5 V.
Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
§ This limit may vary among suppliers.
This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.


同様の部品番号 - SN74ABT125Q-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ABT125 TI-SN74ABT125 Datasheet
104Kb / 7P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74ABT125 TI-SN74ABT125 Datasheet
642Kb / 6P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74ABT125 TI-SN74ABT125 Datasheet
929Kb / 20P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74ABT125 TI1-SN74ABT125 Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74ABT125D TI-SN74ABT125D Datasheet
104Kb / 7P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74ABT125Q-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74LVC125A TI-SN74LVC125A Datasheet
109Kb / 8P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AVC126 TI-SN74AVC126 Datasheet
227Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Potato Semiconductor Co...
PO74G126A POTATO-PO74G126A_14 Datasheet
1Mb / 5P
   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AUC125 TI-SN74AUC125 Datasheet
170Kb / 9P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A-EP TI1-SN74LVC125A-EP Datasheet
530Kb / 12P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LV125A-Q1 TI1-SN74LV125A-Q1 Datasheet
638Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A TI-SN74LVC125A_07 Datasheet
1Mb / 46P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC126A-Q1 TI1-SN74LVC126A-Q1 Datasheet
227Kb / 10P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74AHC125 UTC-U74AHC125 Datasheet
212Kb / 6P
   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74F126 TI-SN74F126 Datasheet
66Kb / 5P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com