データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST380CHPBF データシート(PDF) 6 Page - Vishay Siliconix

部品番号 ST380CHPBF
部品情報  Phase Control Thyristors (Hockey PUK Version), 960 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST380CHPBF データシート(HTML) 6 Page - Vishay Siliconix

  ST380CHPBF_12 Datasheet HTML 1Page - Vishay Siliconix ST380CHPBF_12 Datasheet HTML 2Page - Vishay Siliconix ST380CHPBF_12 Datasheet HTML 3Page - Vishay Siliconix ST380CHPBF_12 Datasheet HTML 4Page - Vishay Siliconix ST380CHPBF_12 Datasheet HTML 5Page - Vishay Siliconix ST380CHPBF_12 Datasheet HTML 6Page - Vishay Siliconix ST380CHPBF_12 Datasheet HTML 7Page - Vishay Siliconix ST380CHPBF_12 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94411
6
Revision: 11-Aug-08
ST380CHPbF Series
Vishay High Power Products
Phase Control Thyristors
(Hockey PUK Version), 960 A
Fig. 11 - Gate Characteristics
ORDERING INFORMATION TABLE
0.1
1
10
100
0.001
0.01
0.1
1
10
100
VGD
IGD
(b)
(a)
(2)
(3)
Insta ntaneousGate Current (A)
a) Recommended load line for
b) Recommended load line for
<=30%ra ted d i/ dt : 10V, 10ohms
Frequency Limited by PG(AV)
rated di/ dt : 20V, 10ohms; tr<=1 µs
tr<=1 µs
Device: ST380CH..C Series
(1) PGM = 10W, tp = 4ms
(2) PGM = 20W, tp = 2ms
(3) PGM = 40W, tp = 1ms
(4) PGM = 60W, tp = 0.66ms
Rec tangular gate pulse
(1)
(4)
1
-
Thyristor
2
-
Essential part number
3
-
0 = Converter grade
4
-
CH = Ceramic PUK, high temperature
5
-
Voltage code x 100 = VRRM (see Voltage Ratings table)
6
-
C = PUK case TO-200AB (E-PUK)
7
-
0 = Eyelet terminals (gate and auxiliary cathode unsoldered leads)
1 = Fast-on terminals (gate and auxiliary cathode unsoldered leads)
2 = Eyelet terminals (gate and auxiliary cathode soldered leads)
9
-
Lead (Pb)-free
8
-
Critical dV/dt:
None = 500 V/µs (standard selection)
L = 1000 V/µs (special selection)
3 = Fast-on terminals (gate and auxiliary cathode soldered leads)
Device code
5
1
3
24
67
8
9
ST
38
0
CH
06
C
1
-
PbF
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95075


同様の部品番号 - ST380CHPBF_12

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
ST380CHPBF VISHAY-ST380CHPBF_15 Datasheet
212Kb / 9P
   Phase Control Thyristors
Revision: 11-Aug-08
More results

同様の説明 - ST380CHPBF_12

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
ST380CHPBF VISHAY-ST380CHPBF Datasheet
199Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 960 A
Revision: 11-Aug-08
VS-ST380CH VISHAY-VS-ST380CH_V01 Datasheet
218Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 960 A
01-Jan-2022
ST380CPBF VISHAY-ST380CPBF_12 Datasheet
217Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 960 A
Revision: 11-Aug-08
ST380CPBF VISHAY-ST380CPBF Datasheet
199Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 960 A
Revision: 11-Aug-08
VS-ST380C VISHAY-VS-ST380C_V01 Datasheet
221Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 960 A
01-Jan-2022
logo
International Rectifier
ST180C IRF-ST180C Datasheet
196Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C IRF-ST330C Datasheet
208Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST700C IRF-ST700C Datasheet
96Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C IRF-ST300C Datasheet
207Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com