データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ABT32318 データシート(PDF) 6 Page - Texas Instruments

部品番号 SN74ABT32318
部品情報  16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT32318 データシート(HTML) 6 Page - Texas Instruments

  SN74ABT32318 Datasheet HTML 1Page - Texas Instruments SN74ABT32318 Datasheet HTML 2Page - Texas Instruments SN74ABT32318 Datasheet HTML 3Page - Texas Instruments SN74ABT32318 Datasheet HTML 4Page - Texas Instruments SN74ABT32318 Datasheet HTML 5Page - Texas Instruments SN74ABT32318 Datasheet HTML 6Page - Texas Instruments SN74ABT32318 Datasheet HTML 7Page - Texas Instruments SN74ABT32318 Datasheet HTML 8Page - Texas Instruments SN74ABT32318 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SN54ABT32318, SN74ABT32318
18BIT TRIPORT UNIVERSAL BUS EXCHANGERS
SCBS180A − JUNE 1992 − REVISED JULY 1994
5−6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ABT32318
SN74ABT32318
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = −18 mA
−1.2
−1.2
V
VCC = 4.5 V,
IOH = − 3 mA
2.5
2.5
VOH
VCC = 5 V,
IOH = − 3 mA
3
3
V
VOH
VCC = 4.5 V
IOH = − 24 mA
2
V
VCC = 4.5 V
IOH = − 32 mA
2
VOL
VCC = 4.5 V
IOL = 48 mA
0.55
0.55
V
VOL
VCC = 4.5 V
IOL = 64 mA
0.55
0.55
V
Control inputs
VCC = 0 to 5.5 V,
VI = VCC or GND
±1
±1
II
A, B, or C
ports
VCC = 2.1 V to 5.5 V, VI = VCC or GND
±20
±20
µA
II(hold)
A, B, or C
VCC = 4.5 V
VI = 0.8 V
100
100
A
II(hold)
A, B, or C
ports
VCC = 4.5 V
VI = 2 V
−100
−100
µA
IOZPU‡
VCC = 0 to 2.1 V,
OE = X
VO = 0.5 V to 2.7 V,
±50
±50
µA
IOZPD‡
VCC = 2.1 V to 0,
OE = X
VO = 0.5 V to 2.7 V,
±50
±50
µA
IOZH§
VCC = 2.1 V to 5.5 V, VO = 2.7 V, OE ≥ 2 V
10
10
µA
IOZL§
VCC = 2.1 V to 5.5 V, VO = 0.5 V, OE ≥ 2 V
−10
−10
µA
Ioff
VCC = 0,
VI or VO ≤ 4.5 V
±100
±100
µA
ICEX
VCC = 5.5 V,
VO = 5.5 V
Outputs high
50
50
µA
IO¶
VCC = 5.5 V,
VO = 2.5 V
−50
−100
−180
−50
−100
−180
mA
VCC = 5.5 V,
Outputs high
2
2
ICC
VCC = 5.5 V,
IO = 0,
Outputs low
45
45
mA
IO = 0,
VI = VCC or GND
Outputs disabled
1
1
∆ICC#
VCC = 5.5 V,
One input at 3.4 V,
Other inputs at VCC or GND
0.5
0.5
mA
Ci
Control inputs
VI = 2.5 V or 0.5 V
3
3
pF
Cio
A, B, or C
ports
VO = 2.5 V or 0.5 V
11.5
11.5
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ This parameter is specified by characterization.
§ The parameters IOZH and IOZL include the input leakage current.
¶ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
# This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.


同様の部品番号 - SN74ABT32318

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ABT32316 TI1-SN74ABT32316 Datasheet
193Kb / 11P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN74ABT32316PN TI1-SN74ABT32316PN Datasheet
193Kb / 11P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
More results

同様の説明 - SN74ABT32318

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ABT32316 TI1-SN74ABT32316 Datasheet
193Kb / 11P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32316 TI-SN54ABTH32316 Datasheet
135Kb / 9P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32316 TI-SN54ABTH32316_07 Datasheet
197Kb / 12P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32316 TI1-SN54ABTH32316_16 Datasheet
202Kb / 13P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32318 TI-SN54ABTH32318 Datasheet
133Kb / 9P
[Old version datasheet]   18-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32318 TI-SN54ABTH32318_06 Datasheet
189Kb / 11P
[Old version datasheet]   18-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
logo
Integrated Device Techn...
IDT73720A IDT-IDT73720A Datasheet
74Kb / 8P
   16-BIT TRI-PORT BUS EXCHANGER
IDT73720 IDT-IDT73720 Datasheet
74Kb / 8P
   16-BIT TRI-PORT BUS EXCHANGER
logo
National Semiconductor ...
SCAN16512 NSC-SCAN16512 Datasheet
160Kb / 10P
   Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE Outputs
logo
Texas Instruments
SCAN16512A TI1-SCAN16512A Datasheet
292Kb / 14P
[Old version datasheet]   Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com