データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ABT32318PN データシート(PDF) 7 Page - Texas Instruments

部品番号 SN74ABT32318PN
部品情報  16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT32318PN データシート(HTML) 7 Page - Texas Instruments

  SN74ABT32318PN Datasheet HTML 1Page - Texas Instruments SN74ABT32318PN Datasheet HTML 2Page - Texas Instruments SN74ABT32318PN Datasheet HTML 3Page - Texas Instruments SN74ABT32318PN Datasheet HTML 4Page - Texas Instruments SN74ABT32318PN Datasheet HTML 5Page - Texas Instruments SN74ABT32318PN Datasheet HTML 6Page - Texas Instruments SN74ABT32318PN Datasheet HTML 7Page - Texas Instruments SN74ABT32318PN Datasheet HTML 8Page - Texas Instruments SN74ABT32318PN Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SN54ABT32318, SN74ABT32318
18BIT TRIPORT UNIVERSAL BUS EXCHANGERS
SCBS180A − JUNE 1992 − REVISED JULY 1994
5−7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
SN54ABT32318
SN74ABT32318
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
150
150
MHz
tw
Pulse duration
LE high
3.3
3.3
ns
tw
Pulse duration
CLK high or low
3.3
3.3
ns
tsu
Setup time
A, B, or C before CLK
2.4
2.4
ns
tsu
Setup time
A, B, or C before LE
2.1
2.1
ns
th
Hold time
A, B, or C after CLK
1.4
1.4
ns
th
Hold time
A, B, or C after LE
2.1
2.1
ns
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
SN54ABT32318
SN74ABT32318
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
fmax
150
150
MHz
tPLH
A, B, or C
C, B, or A
1.4
6.5
1.4
6.1
ns
tPHL
A, B, or C
C, B, or A
1.1
6.8
1.1
6.6
ns
tPLH
SEL
C, B, or A
1.4
6.7
1.4
6.5
ns
tPHL
SEL
C, B, or A
1.8
6.8
1.8
6.5
ns
tPLH
LE
C, B, or A
2.6
8
2.6
7.5
ns
tPHL
LE
C, B, or A
2.6
7.4
2.6
6.9
ns
tPLH
CLK
C, B, or A
2.5
8
2.5
7.4
ns
tPHL
CLK
C, B, or A
2.5
7.2
2.5
6.7
ns
tPZH
OE
C, B, or A
1.4
6.9
1.4
6.8
ns
tPZL
OE
C, B, or A
2.4
7.2
2.4
7.1
ns
tPHZ
OE
C, B, or A
1
6.4
1
6.2
ns
tPLZ
OE
C, B, or A
2
6.4
2
6
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


同様の部品番号 - SN74ABT32318PN

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ABT32316 TI1-SN74ABT32316 Datasheet
193Kb / 11P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN74ABT32316PN TI1-SN74ABT32316PN Datasheet
193Kb / 11P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
More results

同様の説明 - SN74ABT32318PN

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ABT32316 TI1-SN74ABT32316 Datasheet
193Kb / 11P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32316 TI-SN54ABTH32316 Datasheet
135Kb / 9P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32316 TI-SN54ABTH32316_07 Datasheet
197Kb / 12P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32316 TI1-SN54ABTH32316_16 Datasheet
202Kb / 13P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32318 TI-SN54ABTH32318 Datasheet
133Kb / 9P
[Old version datasheet]   18-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32318 TI-SN54ABTH32318_06 Datasheet
189Kb / 11P
[Old version datasheet]   18-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
logo
Integrated Device Techn...
IDT73720A IDT-IDT73720A Datasheet
74Kb / 8P
   16-BIT TRI-PORT BUS EXCHANGER
IDT73720 IDT-IDT73720 Datasheet
74Kb / 8P
   16-BIT TRI-PORT BUS EXCHANGER
logo
National Semiconductor ...
SCAN16512 NSC-SCAN16512 Datasheet
160Kb / 10P
   Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE Outputs
logo
Texas Instruments
SCAN16512A TI1-SCAN16512A Datasheet
292Kb / 14P
[Old version datasheet]   Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com