データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BZW04-10B データシート(PDF) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

部品番号 BZW04-10B
部品情報  Voltage regulator dides
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
ホームページ  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BZW04-10B データシート(HTML) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

  BZW04-10B Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BZW04-10B Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd BZW04-10B Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3 of 3
RATINGS AND CHARACTERISTIC CURVES
BYW04 series
Fig.4:
Fig.3:
Fig.2:
Fig.1b:
Fig.1a:
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
handbook, halfpage
handbook, halfpage
0.01
0.1
1
10
100
1000
1
10
100
Zth (j-a) ( C/W)
°
tp(s)
Transient thermal impedance junction ambi-
ent versus pulse duration (For FR4 PC Board
with L lead = 10mm).
Peak forward voltage drop versus peak forward
current (typical values for unidirectional types).
Note : Multiply by 2 for units with VBR > 220V.
C (pF)
110
100
10
100
1000
10000
BZW04 - 13B
BZW04 - 5V8B
BZW04 - 58B
BZW04 - 171B
BZW04 - 342B
BZW04 - 26B
V(V)
R
Tj = 25øC
f=1MHz
°
Capacitance versus reverse applied
voltage for bidirectional types (typical values).
C (pF)
1
10
100
1
10
100
1000
10000
BZW04 13
BZW04 5V8
BZW04 58
BZW04 171
BZW04 342
BZW04 26
V(V)
R
Tj = 25øC
f=1 MHz
-
-
-
-
-
-
Capacitance versus reverse applied
voltage for unidirectional types (typical values).
Relative variation of leakage current
versus junction temperature.
Voltage regulator dides
10.5V-603V
0.8A-38A
BZW04-5V8/376
BZW04-5V8B/376B


同様の部品番号 - BZW04-10B

メーカー部品番号データシート部品情報
logo
STMicroelectronics
BZW04-10B STMICROELECTRONICS-BZW04-10B Datasheet
130Kb / 6P
   TRANSIL
logo
DB Lectro Inc
BZW04-10B DBLECTRO-BZW04-10B Datasheet
293Kb / 1P
   MINI TYPE LED LAMPS
logo
Galaxy Semi-Conductor H...
BZW04-10B BILIN-BZW04-10B Datasheet
113Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
BZW04-10B VISHAY-BZW04-10B Datasheet
105Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
MDE Semiconductor, Inc.
BZW04-10B MDE-BZW04-10B Datasheet
74Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

同様の説明 - BZW04-10B

メーカー部品番号データシート部品情報
logo
Shenzhen Taychipst Elec...
BZW06 TAYCHIPST-BZW06 Datasheet
3Mb / 3P
   Voltage regulator dides
logo
TECH PUBLIC Electronics...
ESD5304D-TP TECHPUBLIC-ESD5304D-TP Datasheet
1Mb / 5P
   4-Line Umi-direcctional TVS Dides
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
   VOLTAGE REGULATOR
logo
Texas Instruments
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
[Old version datasheet]   Voltage Regulator
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
[Old version datasheet]   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
   VOLTAGE REGULATOR
logo
RICOH electronics devic...
RX5RL20A RICOH-RX5RL20A Datasheet
144Kb / 18P
   VOLTAGE REGULATOR
logo
Infineon Technologies A...
IFX1117 INFINEON-IFX1117_09 Datasheet
290Kb / 15P
   Voltage Regulator
Rev. 1.21, 2009-09-04
logo
Holtek Semiconductor In...
HT10XX HOLTEK-HT10XX Datasheet
607Kb / 14P
   Voltage Regulator
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com