データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74279216 データシート(PDF) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 74279216
部品情報  WE-CBF SMD EMI Suppression Ferrite Bead
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74279216 データシート(HTML) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74279216 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74279216 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74279216 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74279216 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74279216 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74279216 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5.1
5.0
4.0
REV
2012-06-26
2012-03-29
2005-12-16
DATE
SSt
SSt
SSt
BY
SSt
SMu
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-CBF SMD EMI Suppression Ferrite
Bead
Order.- No.
74279216
SIZE
A4
Size: 1206
General:
All recommendations according to the general technical specifications of the data-sheet have to be complied with.
The disposal and operation of the product within ambient conditions which probably alloy or harm the component surface has to be avoided.
If the product is potted in customer applications, the potting material might shrink during and after hardening. Accordingly to this the product
is exposed to the pressure of the potting material with the effect that the ferrite body and termination is possibly damaged by this pressure and
so the electrical as well as the mechanical characteristics are endanger to be affected. After the potting material is cured, the ferrite body and
termination of the product have to be checked if any reduced electrical or mechanical functions or destructions have occurred.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of
the customer. All technical specifications for standard products do also apply for customer specific products.
Washing varnish agent that is used during the production to clean the application might damage or change the characteristics of the plating.
The washing varnish agent could have a negative effect on the long term function of the product.
Direct mechanical impact to the product shall be prevented as the ferrite material of the ferrite body could flake or in the worst case it could
break.
Product specific:
Follow all instructions mentioned in the datasheet, especially:
•The solder profile has to be complied with according to the technical reflow soldering specification, otherwise no warranty will be sustai-
ned.
• Wave soldering is only allowed after evaluation and approval.
•All products are supposed to be used before the end of the period of 12 months based on the product date-code, if not a 100% solderabi-
lity can´t be warranted.
•Violation of the technical product specifications such as exceeding the nominal rated current will result in the loss of warranty.
I Cautions and Warnings:
The following conditions apply to all goods within the product series of WE-CBF
of Würth Elektronik eiSos GmbH & Co. KG:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 74279216

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
742792161 WURTH-742792161 Datasheet
565Kb / 7P
   WE-CBF SMT EMI Suppression Ferrite Bead
001.002
More results

同様の説明 - 74279216

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
7427924 WURTH-7427924 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
74279214 WURTH-74279214 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792410 WURTH-742792410 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792511 WURTH-742792511 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792514 WURTH-742792514 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792604 WURTH-742792604 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792642 WURTH-742792642 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
74279271 WURTH-74279271 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792692 WURTH-742792692 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
74279263 WURTH-74279263 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
74279267 WURTH-74279267 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com