データシートサーチシステム |
|
CXA2542AR データシート(PDF) 10 Page - Sony Corporation |
|
CXA2542AR データシート(HTML) 10 Page - Sony Corporation |
10 / 49 page – 10 – CXA2542AR TEST T1 T2 T3 T4 T5 T6 T7 T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 Current consumption 1 Current consumption 2 Center amplifier output offset Offset Voltage gain Max. output amplitude - High Max. output amplitude - Low Offset Voltage gain 1 Voltage gain 2 Voltage gain difference Max. output voltage – High Max. output voltage – Low BIAS0 BIAS1 BIAS2 BIAS3 BIAS4 BIAS5 BIAS6 19 (OFF) 19 (OFF) 19 (OFF) 10, 13 10, 13 10, 13 10 13 13 10 RST RST RST RST RST RST RST 39F 39F 39F 39F 39F 39F 3BF 3BE 3BD 3BB 3B7 3AF 39F 17 40 — 36 37 36 37 36 37 36 37 37 36 17 40 46 31 31 31 31 48 48 48 48 48 48 48 48 48 48 48 48 1kHz I/O ratio V2 = 0.2VDC V2 = 0.2VDC 1FB6: ON 1kHz I/O ratio 1kHz I/O ratio V2 = 100mVDC V2 = 100mVDC IFB1, 2, 3, 4, 5, 6: OFF IFB1: ON, BIAS0: reference IFB2: ON, BIAS0: reference Output gain difference with T15 IFB3: ON, BIAS0: reference Output gain difference with V17 IFB4: ON, BIAS0: reference Output gain difference with V18 IFB5: ON, BIAS0: reference Output gain difference with V19 IFB6: ON, BIAS0: reference Output gain difference with V20 12.0 –25.0 –100 –70 16.5 1.2 — –120 15.6 15.6 –3 1 — 560 –29.0 5 5 5 5 5 18.5 –18.5 0 –13 19.5 1.4 –1.3 0 18.6 18.6 0 1.4 –1.3 718 –22.7 6 6 6 6 6 25.0 –12.0 100 70 22.5 — –1.0 120 21.6 21.6 3 — –1 1042 –16.5 7 7 7 7 7 mA mA mV mV dB V V mV dB dB dB V V mV mV dB dB dB dB dB Item SW conditions (ON switches) SD Input pin Measurement conditions Min. Typ. Max. Unit Electrical Characteristics (VCC = 1.5V, VEE = 1.5V, Topr = 25°C) Measure- ment pin |
同様の部品番号 - CXA2542AR |
|
同様の説明 - CXA2542AR |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |