データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA2647N データシート(PDF) 7 Page - Sony Corporation

部品番号 CXA2647N
部品情報  RF Signal Processor for CD Players
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2647N データシート(HTML) 7 Page - Sony Corporation

Back Button CXA2647N Datasheet HTML 3Page - Sony Corporation CXA2647N Datasheet HTML 4Page - Sony Corporation CXA2647N Datasheet HTML 5Page - Sony Corporation CXA2647N Datasheet HTML 6Page - Sony Corporation CXA2647N Datasheet HTML 7Page - Sony Corporation CXA2647N Datasheet HTML 8Page - Sony Corporation CXA2647N Datasheet HTML 9Page - Sony Corporation CXA2647N Datasheet HTML 10Page - Sony Corporation CXA2647N Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
– 7 –
CXA2647N
22
——
VCC
VCC.
Pin
No.
Symbol
I/O
Equivalent circuit
Description
19.5k
VC
23
100
µA
50
µA
20k
25
µA
VC
24
19k
VC
25
100
µA
124
10
µA
1.5V
26
27
100
100
25
23
I
RFG
Input for setting the RFAC low
frequency gain with the
control voltage.
24
I
BST
Input for adjusting the
equalizer circuit boost level
with the control voltage.
25
I
VFC
Input for adjusting the
equalizer circuit cut-off
frequency with the control
voltage.
26
I
RFC
Input for adjusting the
equalizer circuit cut-off
frequency with the external
resistance.
27
O
VC
(VCC + GND)/2 voltage
output.


同様の部品番号 - CXA2647N

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA2640ER SONY-CXA2640ER Datasheet
171Kb / 17P
   3-Channel 2-LD Driver for Optical Disc Drive
More results

同様の説明 - CXA2647N

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA2581N SONY-CXA2581N Datasheet
297Kb / 22P
   RF Signal Processor for CD Players
logo
Sanyo Semicon Device
LA9210M SANYO-LA9210M Datasheet
284Kb / 14P
   Analog Signal Processor for CD Players
LA9211M SANYO-LA9211M Datasheet
97Kb / 1P
   ASP (Analog Signal Processor) for CD Players
LA9241M SANYO-LA9241M Datasheet
279Kb / 21P
   Analog Signal Processor ASP for CD players
LA9240M SANYO-LA9240M Datasheet
321Kb / 20P
   Analog Signal Processor (ASP) for CD players
LA9242M SANYO-LA9242M Datasheet
150Kb / 20P
   Analog Signal Processor ASP for CD Players
LA9230M SANYO-LA9230M Datasheet
227Kb / 20P
   Analog Signal Processor ASP for CD players
LA9233M SANYO-LA9233M Datasheet
397Kb / 20P
   Analog Signal Processor ASP for CD players?
logo
Sony Corporation
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
CXA1982Q SONY-CXA1982Q Datasheet
652Kb / 30P
   RF Signal Processing Servo Amplifier for CD players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com