データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74VHCT240ADWRG データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC74VHCT240ADWRG
部品情報  Octal Bus Buffer/Line Driver Inverting with 3?뭆tate Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT240ADWRG データシート(HTML) 1 Page - ON Semiconductor

  MC74VHCT240ADWRG Datasheet HTML 1Page - ON Semiconductor MC74VHCT240ADWRG Datasheet HTML 2Page - ON Semiconductor MC74VHCT240ADWRG Datasheet HTML 3Page - ON Semiconductor MC74VHCT240ADWRG Datasheet HTML 4Page - ON Semiconductor MC74VHCT240ADWRG Datasheet HTML 5Page - ON Semiconductor MC74VHCT240ADWRG Datasheet HTML 6Page - ON Semiconductor MC74VHCT240ADWRG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2011
May, 2011 − Rev. 6
1
Publication Order Number:
MC74VHCT240A/D
MC74VHCT240A
Octal Bus Buffer/Line Driver
Inverting with 3−State Outputs
The MC74VHCT240A is an advanced high speed CMOS octal bus
buffer fabricated with silicon gate CMOS technology. It achieves high
speed operation similar to equivalent Bipolar Schottky TTL while
maintaining CMOS low power dissipation.
The MC74VHCT240A is an inverting 3−state buffer, and has two
active−low output enables. This device is designed to be used with
3−state memory address drivers, etc.
The VHCT inputs are compatible with TTL levels. This device can
be used as a level converter for interfacing 3.3 V to 5.0 V, because it
has full 5.0 V CMOS level output swings.
The VHCT240A input and output (when disabled) structures
provide protection when voltages between 0 V and 5.5 V are applied,
regardless of the supply voltage. These input and output structures
help prevent device destruction caused by supply
voltage−input/output voltage mismatch, battery backup, hot insertion,
etc.
Features
High Speed: tPD = 5.6 ns (Typ) at VCC = 5.0 V
Low Power Dissipation: ICC = 4 mA (Max) at TA = 25°C
TTL−Compatible Inputs: VIL = 0.8 V; VIH = 2.0 V
Power Down Protection Provided on Inputs and Outputs
Balanced Propagation Delays
Designed for 4.5 V to 5.5 V Operating Range
Low Noise: VOLP = 1.1 V (Max)
Pin and Function Compatible with Other Standard Logic Families
Latchup Performance Exceeds 300 mA
ESD Performance:
Human Body Model > 2000 V;
Machine Model > 200 V
Chip Complexity: 110 FETs or 27.5 Equivalent Gates
These Devices are Pb−Free and are RoHS Compliant
SOEIAJ−20
SUFFIX M
CASE 967
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
74VHCT240
AWLYWWG
20
1
20
1
1
TSSOP−20
SUFFIX DT
CASE 948E
SOIC−20WB
SUFFIX DW
CASE 751D
VHCT
240A
ALYWG
G
1
1
20
1
VHCT240A
AWLYYWWG
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G
= Pb−Free Package
(Note: Microdot may be in either location)


同様の部品番号 - MC74VHCT240ADWRG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74VHCT240ADWRG ONSEMI-MC74VHCT240ADWRG Datasheet
99Kb / 6P
   Octal Bus Buffer/Line Driver
October, 2014 ??Rev. 7
More results

同様の説明 - MC74VHCT240ADWRG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74ACT241 ONSEMI-MC74ACT241 Datasheet
94Kb / 8P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 5
MC74AC244 ONSEMI-MC74AC244_06 Datasheet
117Kb / 9P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
September, 2006 ??Rev. 7
MC74AC540 ONSEMI-MC74AC540 Datasheet
131Kb / 12P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 8
SN74LS541 ONSEMI-SN74LS541 Datasheet
202Kb / 6P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
July, 2006 ??Rev. 4
MC74AC240 ONSEMI-MC74AC240_06 Datasheet
108Kb / 10P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
November, 2006 ??Rev. 8
MC74VHC240 ONSEMI-MC74VHC240_11 Datasheet
133Kb / 7P
   Octal Bus Buffer/Line Driver Inverting with 3-State Outputs
May, 2011 ??Rev. 5
logo
Fairchild Semiconductor
DM74ALS540A FAIRCHILD-DM74ALS540A Datasheet
61Kb / 5P
   Octal Inverting Buffer and Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74VHCT244A ONSEMI-MC74VHCT244A_11 Datasheet
146Kb / 8P
   Octal Bus Buffer/Line Driver with 3-State Outputs
May, 2011 ??Rev. 7
MC74VHCT244A ONSEMI-MC74VHCT244A Datasheet
162Kb / 6P
   Octal Bus Buffer/Line Driver with 3-State Outputs
1997 REV 0
MC74VHCT244A ONSEMI-MC74VHCT244A_14 Datasheet
101Kb / 7P
   Octal Bus Buffer/Line Driver with 3-State Outputs
May, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com