データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74VHCT244ADTG データシート(PDF) 5 Page - ON Semiconductor

部品番号 MC74VHCT244ADTG
部品情報  Octal Bus Buffer/Line Driver with 3-State Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT244ADTG データシート(HTML) 5 Page - ON Semiconductor

  MC74VHCT244ADTG Datasheet HTML 1Page - ON Semiconductor MC74VHCT244ADTG Datasheet HTML 2Page - ON Semiconductor MC74VHCT244ADTG Datasheet HTML 3Page - ON Semiconductor MC74VHCT244ADTG Datasheet HTML 4Page - ON Semiconductor MC74VHCT244ADTG Datasheet HTML 5Page - ON Semiconductor MC74VHCT244ADTG Datasheet HTML 6Page - ON Semiconductor MC74VHCT244ADTG Datasheet HTML 7Page - ON Semiconductor MC74VHCT244ADTG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC74VHCT244A
http://onsemi.com
5
Figure 3. Switching Waveform
Figure 4. Switching Waveform
OEA or OEB
YA or YB
YA or YB
1.5 V
tPZL
tPLZ
tPZH
tPHZ
3 V
HIGH
IMPEDANCE
VOL +0.3 V
VOH -0.3 V
HIGH
IMPEDANCE
GND
tPHL
YA or YB
A or B
tPLH
1.5 V
1.5 V
3 V
VOL
VOH
1.5 V
1.5 V
GND
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 5. Test Circuit
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 6. Test Circuit
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ AND tPZH.
1 k
W


同様の部品番号 - MC74VHCT244ADTG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74VHCT244ADTG ONSEMI-MC74VHCT244ADTG Datasheet
101Kb / 7P
   Octal Bus Buffer/Line Driver with 3-State Outputs
May, 2014 ??Rev. 9
More results

同様の説明 - MC74VHCT244ADTG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74VHCT244A ONSEMI-MC74VHCT244A Datasheet
162Kb / 6P
   Octal Bus Buffer/Line Driver with 3-State Outputs
1997 REV 0
MC74VHCT244A ONSEMI-MC74VHCT244A_14 Datasheet
101Kb / 7P
   Octal Bus Buffer/Line Driver with 3-State Outputs
May, 2014 ??Rev. 9
MC74VHC240 ONSEMI-MC74VHC240_11 Datasheet
133Kb / 7P
   Octal Bus Buffer/Line Driver Inverting with 3-State Outputs
May, 2011 ??Rev. 5
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com