データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA2647 データシート(PDF) 10 Page - Sony Corporation

部品番号 CXA2647
部品情報  RF Signal Processor for CD Players
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2647 データシート(HTML) 10 Page - Sony Corporation

Back Button CXA2647 Datasheet HTML 6Page - Sony Corporation CXA2647 Datasheet HTML 7Page - Sony Corporation CXA2647 Datasheet HTML 8Page - Sony Corporation CXA2647 Datasheet HTML 9Page - Sony Corporation CXA2647 Datasheet HTML 10Page - Sony Corporation CXA2647 Datasheet HTML 11Page - Sony Corporation CXA2647 Datasheet HTML 12Page - Sony Corporation CXA2647 Datasheet HTML 13Page - Sony Corporation CXA2647 Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
– 10 –
CXA2647N
•EQ
fc Control
RFC
LPF2
LPF1
HPF1
26
VFC
Control Bias
VC – 1V to VC + 1V
Control Bias
VC – 1V to VC + 1V
33k
Ω to 100kΩ
In
Out
25
BST
Boost
Control
24
Amp
The boost gain can be adjusted by adjusting the HPF1
gain.
The cut-off frequency is adjusted by the RFC external
resistance value and the VFC control voltage value.
RFC resistance value: The cut-off frequency fc of each
filter is adjusted by the Pin 26
external resistance value.
The VFC voltage can be varied
using this fc as the reference.
VFC voltage: fc can be adjusted by the voltage applied
to Pin 25. The cut-off frequency control
characteristics are shown in the graph
below.
The boost gain can be adjusted by the BST (Pin 24)
control voltage.
The control characteristics are shown in the graph
below.
The boost gain stands for the increased gain from the
low frequency gain in the fc frequency.
VC – 1.0
VC
BST voltage [V]
VC + 1.0
Freq.
Boost
gain
Gain
fc
8dB
–1dB
5dB
VC – 1.0
VC
VFC voltage [V]
VC + 1.0
1.5fc
fc
0.5fc
RFC pin external resistor value 100k
Ω: fc = 1.6MHz
33k
Ω: fc = 4.8MHz
• APC (Automatic Power Control)
When the laser diode is driven by a constant current, the optical power output has extremely large negative
temperature characteristics. Therefore, the current must be controlled to maintain the monitor photodiode
output at a constant level. This control is performed by the APC function.
2
PD
1 LD
10k
55k
10k
1.25V
56k
56k
VCC
10k
1k
The EQ internal block diagram is shown below. The EQ is configured with the filter of the Bessel function of
order 4.
LPF1 =
S2 + (17.085fc) S + 79.517fc2
79.517fc2
HPF1 =
S2 + (17.085fc) S + 79.517fc2
S2
LPF2 =
S2 + (12.412fc) S + 99.963fc2
99.963fc2


同様の部品番号 - CXA2647

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA2640ER SONY-CXA2640ER Datasheet
171Kb / 17P
   3-Channel 2-LD Driver for Optical Disc Drive
More results

同様の説明 - CXA2647

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA2581N SONY-CXA2581N Datasheet
297Kb / 22P
   RF Signal Processor for CD Players
logo
Sanyo Semicon Device
LA9210M SANYO-LA9210M Datasheet
284Kb / 14P
   Analog Signal Processor for CD Players
LA9211M SANYO-LA9211M Datasheet
97Kb / 1P
   ASP (Analog Signal Processor) for CD Players
LA9241M SANYO-LA9241M Datasheet
279Kb / 21P
   Analog Signal Processor ASP for CD players
LA9240M SANYO-LA9240M Datasheet
321Kb / 20P
   Analog Signal Processor (ASP) for CD players
LA9242M SANYO-LA9242M Datasheet
150Kb / 20P
   Analog Signal Processor ASP for CD Players
LA9230M SANYO-LA9230M Datasheet
227Kb / 20P
   Analog Signal Processor ASP for CD players
LA9233M SANYO-LA9233M Datasheet
397Kb / 20P
   Analog Signal Processor ASP for CD players?
logo
Sony Corporation
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
CXA1982Q SONY-CXA1982Q Datasheet
652Kb / 30P
   RF Signal Processing Servo Amplifier for CD players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com