データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74VHCT541ADWRG データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC74VHCT541ADWRG
部品情報  Octal Bus Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT541ADWRG データシート(HTML) 1 Page - ON Semiconductor

  MC74VHCT541ADWRG Datasheet HTML 1Page - ON Semiconductor MC74VHCT541ADWRG Datasheet HTML 2Page - ON Semiconductor MC74VHCT541ADWRG Datasheet HTML 3Page - ON Semiconductor MC74VHCT541ADWRG Datasheet HTML 4Page - ON Semiconductor MC74VHCT541ADWRG Datasheet HTML 5Page - ON Semiconductor MC74VHCT541ADWRG Datasheet HTML 6Page - ON Semiconductor MC74VHCT541ADWRG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2011
June, 2011 − Rev. 5
1
Publication Order Number:
MC74VHCT541A/D
MC74VHCT541A
Octal Bus Buffer
The MC74VHCT541A is an advanced high speed CMOS octal bus
buffer fabricated with silicon gate CMOS technology. It achieves high
speed operation similar to equivalent Bipolar Schottky TTL while
maintaining CMOS low power dissipation.
The MC74VHCT541A is a noninverting, 3−state, buffer/line
driver/line receiver. When either OE1 or OE2 is high, the terminal
outputs are in the high impedance state.
The VHCT inputs are compatible with TTL levels. This device can
be used as a level converter for interfacing 3.3 V to 5.0 V, because it
has full 5.0 V CMOS level output swings.
The VHCT541A input and output (when disabled) structures
provide protection when voltages between 0 V and 5.5 V are applied,
regardless of the supply voltage. These input and output structures
help prevent device destruction caused by supply
voltage−input/output voltage mismatch, battery backup, hot insertion,
etc.
Features
High Speed: tPD = 5.4 ns (Typ) at VCC = 5.0 V
Low Power Dissipation: ICC = 4 mA (Max) at TA = 25°C
TTL−Compatible Inputs: VIL = 0.8 V; VIH = 2.0 V
Power Down Protection Provided on Inputs and Outputs
Balanced Propagation Delays
Designed for 4.5 V to 5.5 V Operating Range
Low Noise: VOLP = 1.6 V (Max)
Pin and Function Compatible with Other Standard Logic Families
Latchup Performance Exceeds 300 mA
ESD Performance:
Human Body Model > 2000 V;
Machine Model > 200 V
Chip Complexity: 134 FETs or 33.5 Equivalent Gates
These Devices are Pb−Free and are RoHS Compliant
SOEIAJ−20
SUFFIX M
CASE 967
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
74VHCT541
AWLYWWG
20
1
20
1
1
TSSOP−20
SUFFIX DT
CASE 948E
SOIC−20WB
SUFFIX DW
CASE 751D
VHCT
541A
ALYWG
G
1
1
20
1
VHCT541A
AWLYYWWG
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G
= Pb−Free Package
(Note: Microdot may be in either location)
L
L
H
X
L
L
X
H
L
H
X
X
FUNCTION TABLE
Inputs
Output Y
OE1 OE2
A
L
H
Z
Z


同様の部品番号 - MC74VHCT541ADWRG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74VHCT541ADWRG ONSEMI-MC74VHCT541ADWRG Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
MC74VHCT541ADWRG ONSEMI-MC74VHCT541ADWRG Datasheet
110Kb / 7P
   Octal Bus Buffer
September, 2014 ??Rev. 6
More results

同様の説明 - MC74VHCT541ADWRG

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
   Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
   Octal Bus Buffer
May, 2011 ??Rev. 8
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
   Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
   Octal Bus Buffer
MC74VHC540 MOTOROLA-MC74VHC540 Datasheet
168Kb / 6P
   Octal Bus Buffer
logo
Toshiba Semiconductor
TC74ACT240P TOSHIBA-TC74ACT240P Datasheet
273Kb / 6P
   OCTAL BUS BUFFER
logo
ON Semiconductor
MC74VHC541 ONSEMI-MC74VHC541 Datasheet
106Kb / 6P
   Octal Bus Buffer
April, 2006 ??Rev. 5
MC74LVX240 ONSEMI-MC74LVX240_14 Datasheet
134Kb / 7P
   Octal Bus Buffer
February, 2014 ??Rev. 4
MC74LVX541 ONSEMI-MC74LVX541_14 Datasheet
117Kb / 7P
   Octal Bus Buffer
August, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com