データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M74VHCT257ADTR2G データシート(PDF) 1 Page - ON Semiconductor

部品番号 M74VHCT257ADTR2G
部品情報  Quad 2-Channel Multiplexer with 3-State Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

M74VHCT257ADTR2G データシート(HTML) 1 Page - ON Semiconductor

  M74VHCT257ADTR2G Datasheet HTML 1Page - ON Semiconductor M74VHCT257ADTR2G Datasheet HTML 2Page - ON Semiconductor M74VHCT257ADTR2G Datasheet HTML 3Page - ON Semiconductor M74VHCT257ADTR2G Datasheet HTML 4Page - ON Semiconductor M74VHCT257ADTR2G Datasheet HTML 5Page - ON Semiconductor M74VHCT257ADTR2G Datasheet HTML 6Page - ON Semiconductor M74VHCT257ADTR2G Datasheet HTML 7Page - ON Semiconductor M74VHCT257ADTR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2011
May, 2011 − Rev. 6
1
Publication Order Number:
MC74VHCT257A/D
MC74VHCT257A
Quad 2-Channel Multiplexer
with 3-State Outputs
The MC74VHCT257A is an advanced high speed CMOS quad
2−channel multiplexer fabricated with silicon gate CMOS technology.
It achieves high speed operation similar to equivalent Bipolar
Schottky TTL while maintaining CMOS low power dissipation.
It consists of four 2−input digital multiplexers with common
select (S) and enable (OE) inputs. When (OE) is held High, selection
of data is inhibited and all the outputs go Low.
The select decoding determines whether the A or B inputs get routed
to the corresponding Y outputs.
The VHCT inputs are compatible with TTL levels. This device can
be used as a level converter for interfacing 3.3 V to 5.0 V because it
has full 5.0 V CMOS level output swings.
The VHCT257A input structures provide protection when voltages
between 0 V and 5.5 V are applied, regardless of the supply voltage.
The output structures also provide protection when VCC = 0 V. These
input and output structures help prevent device destruction caused by
supply voltage−input/output voltage mismatch, battery backup, hot
insertion, etc.
The internal circuit is composed of three stages, including a buffered
output which provides high noise immunity and stable output. The
inputs tolerate voltages up to 7.0 V, allowing the interface of 5.0 V
systems to 3.0 V systems.
Features
High Speed: tPD = 4.1 ns (Typ) at VCC = 5.0 V
Low Power Dissipation: ICC = 4.0 mA (Max) at TA = 25°C
TTL−Compatible Inputs: VIL = 0.8 V; VIH = 2.0 V
Power Down Protection Provided on Inputs and Outputs
Balanced Propagation Delays
Designed for 2.0 V to 5.5 V Operating Range
Low Noise: VOLP = 0.8 V (Max)
Pin and Function Compatible with Other Standard Logic Families
Latchup Performance Exceeds 300 mA
ESD Performance:
Human Body Model > 2000 V;
Machine Model > 200 V
These Devices are Pb−Free and are RoHS Compliant
MARKING
DIAGRAMS
TSSOP−16
DT SUFFIX
CASE 948F
SOIC−16
D SUFFIX
CASE 751B
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
A
= Assembly Location
WL, L
= Wafer Lot
Y
= Year
WW, W = Work Week
G or G
= Pb−Free Package
VHCT257AG
AWLYWW
VHCT
257A
ALYWG
G
(Note: Microdot may be in either location)
1
1
16
1
1
16
1
SOEIAJ−16
M SUFFIX
CASE 966
74VHCT257
ALYWG
1
16
FUNCTION TABLE
OE
S
Y0 − Y3
A0 − A3, B0 − B3 = the levels of
the respective Data−Word Inputs.
H
L
L
X
L
H
Z
A0 −A3
B0 −B3
Inputs
Outputs


同様の部品番号 - M74VHCT257ADTR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
M74VHCT257ADTR2G ONSEMI-M74VHCT257ADTR2G Datasheet
102Kb / 7P
   Quad 2-Channel Multiplexer
October, 2014 ??Rev. 7
More results

同様の説明 - M74VHCT257ADTR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74VHCT257A ONSEMI-MC74VHCT257A Datasheet
98Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
April, 2001 ??Rev. 1
MC74VHCT257A ONSEMI-MC74VHCT257A_04 Datasheet
99Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
September, 2004 ??Rev. 2
MC74VHC257 ONSEMI-MC74VHC257_14 Datasheet
97Kb / 7P
   Quad 2-Channel Multiplexer with 3-State Outputs
September, 2014 ??Rev. 6
MC74VHC257 ONSEMI-MC74VHC257 Datasheet
95Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
September, 2004 ??Rev. 3
MC74LVX257 ONSEMI-MC74LVX257 Datasheet
94Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
March, 2005 ??Rev. 3
logo
Fairchild Semiconductor
74F258A FAIRCHILD-74F258A Datasheet
56Kb / 6P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
SN54LS257B MOTOROLA-SN54LS257B Datasheet
182Kb / 6P
   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT258 FAIRCHILD-74ACT258_07 Datasheet
284Kb / 10P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Texas Instruments
CY74FCT257T TI-CY74FCT257T Datasheet
330Kb / 12P
[Old version datasheet]   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC74F257A MOTOROLA-MC74F257A Datasheet
78Kb / 3P
   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com