データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA3010Q データシート(PDF) 11 Page - Sony Corporation

部品番号 CXA3010Q
部品情報  Read/Write Amplifier (with Built-in Filters) for FDDs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3010Q データシート(HTML) 11 Page - Sony Corporation

Back Button CXA3010Q Datasheet HTML 7Page - Sony Corporation CXA3010Q Datasheet HTML 8Page - Sony Corporation CXA3010Q Datasheet HTML 9Page - Sony Corporation CXA3010Q Datasheet HTML 10Page - Sony Corporation CXA3010Q Datasheet HTML 11Page - Sony Corporation CXA3010Q Datasheet HTML 12Page - Sony Corporation CXA3010Q Datasheet HTML 13Page - Sony Corporation CXA3010Q Datasheet HTML 14Page - Sony Corporation CXA3010Q Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
– 11 –
CXA3010Q
3 Gpn = 20 log10 (VFilterout/Vpreout)
VFilterout = Filter differential output voltage
(n = 1 to 4)
Gn1
Gn2
f [Hz]
3fon
fon
1/3fon
[dB]
Gpn
(n = 1 to 4)
Fig. 2. Filter frequency response measurement conditions
Peak frequency
Peak voltage
gain∗3
Frequency
response (1)
Frequency
response (2)
fo4
Gp4
G41
G42
1.6M/
2M
inner
track
X360 = Low
XHD = High
OTF = Low
(1.6M/inner track)
or
X360 = X
XHD = Low
OTF = Low
(2M/inner track)
Refer to Fig. 2
at f04
Refer to Fig. 2
at 1/3f04
Refer to Fig. 2
at 3f04
1
1
1
1
B, C
D, E
B, C
B, C
B, C
310.5
5.9
–8.5
–36.9
345.0
7.8
–8.0
–35.0
379.5
9.4
–7.5
–33.4
kHz
dB
dB
dB
Item
Symbol
Conditions
Min.
Typ. Max. Unit
Measure-
ment circuit
Measure-
ment Point


同様の部品番号 - CXA3010Q

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3017R SONY-CXA3017R Datasheet
1Mb / 83P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3018R SONY-CXA3018R Datasheet
485Kb / 17P
   Demodulator for Satellite Receivers
More results

同様の説明 - CXA3010Q

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA1720Q SONY-CXA1720Q Datasheet
336Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3031Q SONY-CXA3031Q Datasheet
310Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3071N SONY-CXA3071N Datasheet
280Kb / 24P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA1362Q SONY-CXA1362Q Datasheet
558Kb / 25P
   READ/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER
CXA1360Q SONY-CXA1360Q Datasheet
548Kb / 25P
   READ/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER
logo
Rohm
BH6628AFS ROHM-BH6628AFS Datasheet
282Kb / 14P
   Read / Write amplifier for FDD
BH6627FS ROHM-BH6627FS Datasheet
272Kb / 14P
   Read /Write amplifier for FDD
BH6629BFS ROHM-BH6629BFS Datasheet
268Kb / 14P
   Read /Write amplifier for FDD
BH6625FS ROHM-BH6625FS Datasheet
276Kb / 14P
   Read / Write amplifier for FDD
BH6626FS ROHM-BH6626FS Datasheet
265Kb / 13P
   Read /Write amplifier for FDD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com