データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC75810E データシート(PDF) 9 Page - Sanyo Semicon Device

部品番号 LC75810E
部品情報  1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75810E データシート(HTML) 9 Page - Sanyo Semicon Device

Back Button LC75810E Datasheet HTML 5Page - Sanyo Semicon Device LC75810E Datasheet HTML 6Page - Sanyo Semicon Device LC75810E Datasheet HTML 7Page - Sanyo Semicon Device LC75810E Datasheet HTML 8Page - Sanyo Semicon Device LC75810E Datasheet HTML 9Page - Sanyo Semicon Device LC75810E Datasheet HTML 10Page - Sanyo Semicon Device LC75810E Datasheet HTML 11Page - Sanyo Semicon Device LC75810E Datasheet HTML 12Page - Sanyo Semicon Device LC75810E Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
LC75810E/T
No.7141-9/54
For a 16 digits
× 4 lines display structure (For a “set display technique” instruction with 0Z1 = 0 and 0Z2 = 1)
When the DCRAM address loaded into AC is 00H
Display digit
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
First line
00 01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 0E 0F
Second line 10 11 12 13 14 15 16 17 18 19 1A 1B 1C 1D 1E 1F
Third line
20 21 22 23 24 25 26 27 28 29 2A 2B 2C 2D 2E 2F
DCRAM address (hexadecimal)
Fourth line
30 31 32 33 34 35 36 37 38 39 3A 3B 3C 3D 3E 3F
However, when the display smooth scrolling is performed, the DCRAM address shifts as follows.
Display digit
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
First line
01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 0E 0F 00
Second line 11 12 13 14 15 16 17 18 19 1A 1B 1C 1D 1E 1F 10
Third line
21 22 23 24 25 26 27 28 29 2A 2B 2C 2D 2E 2F 20
DCRAM address (hexadecimal)
Fourth line
31 32 33 34 35 36 37 38 39 3A 3B 3C 3D 3E 3F 30
Shift to the left by
1 character digit
Display digit
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
First line
0F 00 01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 0E
Second line 1F 10 11 12 13 14 15 16 17 18 19 1A 1B 1C 1D 1E
Third line
2F 20 21 22 23 24 25 26 27 28 29 2A 2B 2C 2D 2E
DCRAM address (hexadecimal)
Fourth line
3F 30 31 32 33 34 35 36 37 38 39 3A 3B 3C 3D 3E
Shift to the right by
1 character digit
Display digit
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
First line
10 11 12 13 14 15 16 17 18 19 1A 1B 1C 1D 1E 1F
Second line 20 21 22 23 24 25 26 27 28 29 2A 2B 2C 2D 2E 2F
Third line
30 31 32 33 34 35 36 37 38 39 3A 3B 3C 3D 3E 3F
DCRAM address (hexadecimal)
Fourth line
00 01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 0E 0F
Shift to the up by 1 character digit
Display digit
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
First line
30 31 32 33 34 35 36 37 38 39 3A 3B 3C 3D 3E 3F
Second line 00 01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 0E 0F
Third line
10 11 12 13 14 15 16 17 18 19 1A 1B 1C 1D 1E 1F
DCRAM address (hexadecimal)
Fourth line
20 21 22 23 24 25 26 27 28 29 2A 2B 2C 2D 2E 2F
Shift to the down by 1 character digit
Note that the display area on the LCD is display digits 1 to 16 on the first line when a display technique is 5
× 7, 5 × 8,
or 5
× 9 dots, and it is display digits 1 to 13 on the first line when a display technique is 6 × 7, 6 × 8, or 6 × 9 dots.
Note
∗2: The DCRAM address is expressed in hexadecimal.
LSB
MSB
DCRAM address
DA0
DA1
DA2
DA3
DA4
DA5
Example: When the DCRAM address is 2EH
DA0
DA1
DA2
DA3
DA4
DA5
0
1
1
1
0
1
Note
∗3:
5
× 7 dots • • • 16-digit display 5 × 7 dots.
5
× 8 dots • • • 16-digit display 4 × 8 dots.
5
× 9 dots • • • 16-digit display 3 × 9 dots.
6
× 7 dots • • • 13-digit display 6 × 7 dots.
6
× 8 dots • • • 13-digit display 6 × 8 dots.
6
× 9 dots • • • 13-digit display 6 × 9 dots.
Least significant bit
Most significant bit
Hexadecimal
Hexadecimal


同様の部品番号 - LC75810E

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC75810E ONSEMI-LC75810E Datasheet
1Mb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
More results

同様の説明 - LC75810E

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC75818PT ONSEMI-LC75818PT Datasheet
452Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
LC75810T-8725-E ONSEMI-LC75810T-8725-E Datasheet
1Mb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
LC75812PT ONSEMI-LC75812PT Datasheet
551Kb / 54P
   1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75816E SANYO-LC75816E Datasheet
572Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75817NE SANYO-LC75817NE Datasheet
496Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75818PT SANYO-LC75818PT Datasheet
464Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75811E SANYO-LC75811E Datasheet
626Kb / 27P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controller/Driver
LC75812PT SANYO-LC75812PT Datasheet
438Kb / 54P
   1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
logo
ON Semiconductor
LC450210PCH ONSEMI-LC450210PCH Datasheet
453Kb / 53P
   Duty Dot Matrix LCD Display Controllers
May, 2014
ENA1417 ONSEMI-ENA1417 Datasheet
551Kb / 54P
   Duty Dot Matrix LCD Display Controllers
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com