データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST2318SRG データシート(PDF) 5 Page - Stanson Technology

部品番号 ST2318SRG
部品情報  ST2318SRG is the N-Channel logic enhancement mode power field effect transistor is produced using high cell density, DMOS trench technology.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STANSON [Stanson Technology]
ホームページ  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST2318SRG データシート(HTML) 5 Page - Stanson Technology

  ST2318SRG Datasheet HTML 1Page - Stanson Technology ST2318SRG Datasheet HTML 2Page - Stanson Technology ST2318SRG Datasheet HTML 3Page - Stanson Technology ST2318SRG Datasheet HTML 4Page - Stanson Technology ST2318SRG Datasheet HTML 5Page - Stanson Technology ST2318SRG Datasheet HTML 6Page - Stanson Technology ST2318SRG Datasheet HTML 7Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ST2318SRG
N Channel Enhancement Mode MOSFET
3.9A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
ST2318SRG 2009. V1
TYPICAL CHARACTERICTICS
(25℃ Unless noted)


同様の部品番号 - ST2318SRG

メーカー部品番号データシート部品情報
logo
VBsemi Electronics Co.,...
ST2318SRG VBSEMI-ST2318SRG Datasheet
490Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

同様の説明 - ST2318SRG

メーカー部品番号データシート部品情報
logo
Stanson Technology
ST3422A STANSON-ST3422A Datasheet
338Kb / 6P
   The ST3422A is the N-Channel logic enhancement mode power field effect transistor is produced using high cell density, DMOS trench technology.
ST3400SRG STANSON-ST3400SRG Datasheet
547Kb / 6P
   The ST3400SRG is the N-Channel logic enhancement mode power field effect transistor is produced using high cell density, DMOS trench technology.
STN4346 STANSON-STN4346 Datasheet
352Kb / 7P
   STN4392 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN4426 STANSON-STN4426 Datasheet
362Kb / 6P
   STN4426 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN4416 STANSON-STN4416 Datasheet
966Kb / 6P
   STN4416 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
ST3406SRG STANSON-ST3406SRG Datasheet
325Kb / 6P
   ST3406SRG is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
ST2319SRG STANSON-ST2319SRG Datasheet
229Kb / 8P
   ST2319SRG is the P-Channel logic enhancement mode power field effect transistor is produced using high cell density, DMOS trench technology.
STN4392 STANSON-STN4392 Datasheet
383Kb / 7P
   STN4392 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN4480 STANSON-STN4480 Datasheet
742Kb / 6P
   STN4480 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN4850 STANSON-STN4850 Datasheet
532Kb / 6P
   STN4850 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com