データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA3085AN データシート(PDF) 1 Page - Sony Corporation

部品番号 CXA3085AN
部品情報  All Band TV Tuner IC with On-chip PLL
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3085AN データシート(HTML) 1 Page - Sony Corporation

  CXA3085AN Datasheet HTML 1Page - Sony Corporation CXA3085AN Datasheet HTML 2Page - Sony Corporation CXA3085AN Datasheet HTML 3Page - Sony Corporation CXA3085AN Datasheet HTML 4Page - Sony Corporation CXA3085AN Datasheet HTML 5Page - Sony Corporation CXA3085AN Datasheet HTML 6Page - Sony Corporation CXA3085AN Datasheet HTML 7Page - Sony Corporation CXA3085AN Datasheet HTML 8Page - Sony Corporation CXA3085AN Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
—1—
E97758-TE
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
All Band TV Tuner IC with On-chip PLL
CXA3085AN
Absolute Maximum Ratings (Ta = 25 °C)
• Supply voltage
VCC1,VCC2
–0.3 to +5.5
V
VCC3
–0.3 to +10.0
V
• Storage temperature
Tstg
–55 to +150
°C
• Allowable power dissipation
PD
880
mW
(when mounted on a substrate)
Operating Conditions
• Supply voltage
VCC1, VCC2
4.75 to 5.3
V
VCC3
4.75 to 9.45
V
• Operating temperature
Topr
–20 to +75
°C
Description
The CXA3085AN is a monolithic TV tuner IC which
integrates local oscillator and mixer circuits for VHF
band, local oscillator and mixer circuits for UHF
band, an IF amplifier and a tuning PLL onto a single
chip, enabling further miniaturization of the tuner.
Features
• Low noise figure
• Low power consumption (5 V, 54 mA typ.)
• On-chip tuning PLL (3-wire bus format)
• Selection of frequency steps 31.25 kHz, 50 kHz
and 62.5 kHz
• On-chip 4-output band switch
• SSOP 30-pin package
Applications
• TV tuners
• VCR tuners
• CATV tuners
Structure
Bipolar silicon monolithic IC
30 pin SSOP (Plastic)
Note)
Electrostatic discharge strength is weak, and care should be taken in handling this IC.
For the availability of this product, please contact the sales office.


同様の部品番号 - CXA3085AN

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3086 SONY-CXA3086 Datasheet
775Kb / 30P
   6-bit 140MSPS Flash A/D Converter
CXA3086Q SONY-CXA3086Q Datasheet
775Kb / 30P
   6-bit 140MSPS Flash A/D Converter
More results

同様の説明 - CXA3085AN

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3235 SONY-CXA3235 Datasheet
313Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3250AN SONY-CXA3250AN Datasheet
415Kb / 36P
   All Band TV Tuner IC with On-chip PLL
CXA3135AN SONY-CXA3135AN Datasheet
319Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3185 SONY-CXA3185 Datasheet
318Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3252N SONY-CXA3252N Datasheet
303Kb / 32P
   All Band TV Tuner IC with On-chip PLL
CXA3205N SONY-CXA3205N Datasheet
320Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3250N SONY-CXA3250N Datasheet
384Kb / 35P
   All Band TV Tuner IC with On-chip PLL
CXA3555N SONY-CXA3555N Datasheet
225Kb / 28P
   All Band Tuner IC with On-chip PLL
CXA3627ER SONY-CXA3627ER Datasheet
42Kb / 27P
   All Band Tuner IC with On-chip PLL
CXA3627N SONY-CXA3627N Datasheet
231Kb / 28P
   All Band Tuner IC with On-chip PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com