データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA3099N データシート(PDF) 11 Page - Sony Corporation

部品番号 CXA3099N
部品情報  IF Amplifier for M-ary FSK Pagers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3099N データシート(HTML) 11 Page - Sony Corporation

Back Button CXA3099N Datasheet HTML 7Page - Sony Corporation CXA3099N Datasheet HTML 8Page - Sony Corporation CXA3099N Datasheet HTML 9Page - Sony Corporation CXA3099N Datasheet HTML 10Page - Sony Corporation CXA3099N Datasheet HTML 11Page - Sony Corporation CXA3099N Datasheet HTML 12Page - Sony Corporation CXA3099N Datasheet HTML 13Page - Sony Corporation CXA3099N Datasheet HTML 14Page - Sony Corporation CXA3099N Datasheet HTML 15Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
—11—
CXA3099N
4) Detector
The detector is of quadrature type. To perform phase shift, connect a ceramic discriminator to Pin 5.
The phase shifting capacitor for the quadrature detector is incorporated. The FM (FSK) signal with the
demodulated detector will be output to DET OUT (Pin 6) through the internal primary LPF.
DET OUT output impedance is 200
Ω or less. The DET OUT output is the anti-phase output to NRZ OUT.
The CDBM455C28 (MURATA MFG. CO., LTD.) ceramic discriminator is recommended for the CXA3099N.
5) Filter Buffer, Level Comparator and NRZ Comparator
An operational amplifier for LPF is built in this IC.
It is connected internally to the NRZ comparator, level comparator and quick charge circuit.
Using the operational amplifier of Pins 7 and 8 to construct an LPF, remove noise from the demodulated
signal and input the signal to the above three circuits.
The level comparator and the NRZ comparator shape waveform of this input signal and output it as a
square wave. The comparator output stage is for open collector.
Thus, if the CPU is of CMOS type and the supply voltage is different, a direct interface as illustrated in the
figure below can be implemented.
6) REG CONT
Controls the base bias of the external transistors.
4.7k
VCC
DET OUTPUT
4
5
6
Ceramic discriminator
CDBM455C28
L.C.
11
12
0.2V
4
7
8
9
10
VCC
(10)
VCC 1.4V
CMOS IC
12
16
CMOS power supply
Comparator output
Fig. 6
Fig. 5
Fig. 4


同様の部品番号 - CXA3099N

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3090N SONY-CXA3090N Datasheet
223Kb / 17P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3092N SONY-CXA3092N Datasheet
192Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3095N SONY-CXA3095N Datasheet
167Kb / 11P
   All Band TV Tuner IC (VHF-CATV-UHF)
More results

同様の説明 - CXA3099N

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA1999N SONY-CXA1999N Datasheet
303Kb / 19P
   IF Amplifier for M-ary FSK Pagers
CXA3117AN SONY-CXA3117AN Datasheet
394Kb / 30P
   IF Amplifier for M-ary FSK Pagers
CXA3117N SONY-CXA3117N Datasheet
397Kb / 30P
   IF Amplifier for M-ary FSK Pagers
CXA3107N SONY-CXA3107N Datasheet
276Kb / 18P
   IF Amplifier for M-ary FSK Pagers
CXA3179N SONY-CXA3179N Datasheet
374Kb / 27P
   IF Amplifier for M-ary FSK Pagers (AFC Supported)
CXA1994AM SONY-CXA1994AM Datasheet
119Kb / 8P
   M-ary FSK Demodulating Comparator
logo
New Japan Radio
NJM2537 NJRC-NJM2537_1 Datasheet
228Kb / 10P
   FM IF IC FOR PAGERS
NJM2537 NJRC-NJM2537 Datasheet
321Kb / 10P
   FM IF IC FOR PAGERS
logo
Nippon Precision Circui...
SM1125 NPC-SM1125 Datasheet
96Kb / 12P
   Multimelody IC for Pagers
SM1124 NPC-SM1124 Datasheet
92Kb / 10P
   Multimelody IC for Pagers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com