データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA3176N データシート(PDF) 11 Page - Sony Corporation

部品番号 CXA3176N
部品情報  IF Amplifier for FM Receiver (AFC Supported)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3176N データシート(HTML) 11 Page - Sony Corporation

Back Button CXA3176N Datasheet HTML 7Page - Sony Corporation CXA3176N Datasheet HTML 8Page - Sony Corporation CXA3176N Datasheet HTML 9Page - Sony Corporation CXA3176N Datasheet HTML 10Page - Sony Corporation CXA3176N Datasheet HTML 11Page - Sony Corporation CXA3176N Datasheet HTML 12Page - Sony Corporation CXA3176N Datasheet HTML 13Page - Sony Corporation CXA3176N Datasheet HTML 14Page - Sony Corporation CXA3176N Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
—11—
CXA3176N
13) AFC
The AFC is of the current output type which outputs the frequency deviation in the form of the current and
converts it to the voltage. The output current range is approximately ±0.4 µA for the slow mode and ±70
µA for the fast mode.
CXA3176N AFC Principle Diagram
The Pin 7 voltage V continues to change till the Vin value reaches the Vref value. When these values are
equal, the Pin 7 output current becomes “0” and the voltage is determined by the charge and time.
The Pin 7 voltage V is output to Pin 6 through the amplifier.
Vout=Vref+4 (V–Vref)
The Vout operating range is 0.4 V to 4 (VCC–0.2) V so that AFC should be set within this range.
Also, the voltage for Pin 7 is undefined with the IC itself.
The AFC voltage varies, for example, as shown below by the VCO characteristics. The AFC voltage
follows the VCO characteristics because this voltage is independent of the slope of the S curve. In other
words, the CXA3176N operates according to the VCO characteristics when the VCO characteristics have
the linearity with respect to the voltage and the VCO characteristics can be controlled within the range
shown in the graph below.
Vref
Vref
C
V=it/C
×4
LPF
Vref
BUF
7
6
VCO
RF
Vin (S curve voltage)
Vout
(AFC voltage)
External parts
1st MIX for
FM receiver
1st OSC for
FM receiver
To CXA3176N
4 (VCC–0.2)V
0.4V
fo
A
B
C
Input frequency


同様の部品番号 - CXA3176N

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3176N SONY-CXA3176N Datasheet
27Kb / 2P
   Achieving Low Power and High Speed in Paging System IF IC
More results

同様の説明 - CXA3176N

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3179N SONY-CXA3179N Datasheet
374Kb / 27P
   IF Amplifier for M-ary FSK Pagers (AFC Supported)
logo
Toshiba Semiconductor
1SV160 TOSHIBA-1SV160 Datasheet
104Kb / 2P
   VARIABLE CAPACITANCE DIODE (AFC APLICATION FOR FM RECEIVER)
logo
Samsung semiconductor
KA8513B SAMSUNG-KA8513B Datasheet
53Kb / 6P
   FM IF RECEIVER
KA8513BD SAMSUNG-KA8513BD Datasheet
142Kb / 6P
   FM IF RECEIVER
S1T8513A SAMSUNG-S1T8513A Datasheet
57Kb / 6P
   FM IF RECEIVER
S1T8515A SAMSUNG-S1T8515A Datasheet
85Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
KA8515 SAMSUNG-KA8515 Datasheet
146Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
DS_S1T8515A01 SAMSUNG-DS_S1T8515A01 Datasheet
85Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
KA8516 SAMSUNG-KA8516 Datasheet
150Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
logo
NTE Electronics
NTE788 NTE-NTE788 Datasheet
23Kb / 3P
   Integrated Circuit IF System for FM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com