データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA3276Q データシート(PDF) 3 Page - Sony Corporation

部品番号 CXA3276Q
部品情報  8-bit 160MSPS Flash A/D Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3276Q データシート(HTML) 3 Page - Sony Corporation

  CXA3276Q Datasheet HTML 1Page - Sony Corporation CXA3276Q Datasheet HTML 2Page - Sony Corporation CXA3276Q Datasheet HTML 3Page - Sony Corporation CXA3276Q Datasheet HTML 4Page - Sony Corporation CXA3276Q Datasheet HTML 5Page - Sony Corporation CXA3276Q Datasheet HTML 6Page - Sony Corporation CXA3276Q Datasheet HTML 7Page - Sony Corporation CXA3276Q Datasheet HTML 8Page - Sony Corporation CXA3276Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
– 3 –
CXA3276Q
Pin Description
[Symbol]
[Pin No.]
[Description]
Digital power supply
Bottom reference voltage
Analog ground
Reference voltage mid point
Analog power supply
Analog signal input
Reference voltage mid point
Analog power supply
Reference voltage mid point
Analog ground
Top reference voltage
Digital power supply
ECL/PECL clock input
ECL/PECL clock input
TTL clock input
No connected pin
Digital power supply
Digital ground
PA side data output
Digital ground
Digital power supply
Digital power supply
Digital ground
PB side data output
Digital ground
Digital power supply
Clock output
Data output polarity inversion
Output mode selection
TTL reset input
ECL/PECL reset input
ECL/PECL reset input
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16 to 18
19
20
21 to 28
29
30
31
32
33 to 40
41
42
43
44
45
46
47
48
DVEE3
VRB
AGND
VRM1
AVCC
VIN
VRM2
AVCC
VRM3
AGND
VRT
DGND3
CLK/E
CLKN/E
CLK/T
N.C.
DVCC2
DGND2
PAD0 to PAD7
DGND1
DVCC1
DVCC2
DGND2
PBD0 to PBD7
DGND2
DVCC2
CLKOUT
INV
SELECT
RESETN/T
RESET/E
RESETN/E
0V
1.4 to 2.6V
0V
+5V
VRB to VRT
+5V
0V
2.9 to 4.1V
+5V
PECL
PECL
TTL
+5V
0V
TTL
0V
+5V
+5V
0V
TTL
0V
+5V
TTL
TTL
TTL
TTL
PECL
PECL
–5.0V
1.4 to 2.6V
0V
+5V
VRB to VRT
+5V
0V
2.9 to 4.1V
0V
ECL
ECL
TTL
+5V
0V
TTL
0V
+5V
+5V
0V
TTL
0V
+5V
TTL
TTL
TTL
TTL
ECL
ECL
Typical voltage
level with a single
power supply
Typical voltage
level with dual
power supply


同様の部品番号 - CXA3276Q

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3271GE SONY-CXA3271GE Datasheet
180Kb / 17P
   Fingerprint Sensor
CXA3272R SONY-CXA3272R Datasheet
98Kb / 2P
   CXA3272R
CXA3275Q SONY-CXA3275Q Datasheet
201Kb / 22P
   PLL/OSC/MIX IC for Digital Tuner
More results

同様の説明 - CXA3276Q

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3286R SONY-CXA3286R Datasheet
331Kb / 23P
   8-bit 160MSPS Flash A/D Converter
logo
Intersil Corporation
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
HI3276 INTERSIL-HI3276 Datasheet
228Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
June 1999
HI3286 INTERSIL-HI3286 Datasheet
229Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
June 1999
logo
Sony Corporation
CX20201A-1 SONY-CX20201A-1 Datasheet
319Kb / 13P
   10/9/8-BIT 160MSPS D/A CONVERTER
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Sony Corporation
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
   8-bit 120MSPS Flash A/D Converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
Intersil Corporation
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
logo
Sony Corporation
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com