データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA3276Q データシート(PDF) 1 Page - Sony Corporation

部品番号 CXA3276Q
部品情報  8-bit 160MSPS Flash A/D Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3276Q データシート(HTML) 1 Page - Sony Corporation

  CXA3276Q Datasheet HTML 1Page - Sony Corporation CXA3276Q Datasheet HTML 2Page - Sony Corporation CXA3276Q Datasheet HTML 3Page - Sony Corporation CXA3276Q Datasheet HTML 4Page - Sony Corporation CXA3276Q Datasheet HTML 5Page - Sony Corporation CXA3276Q Datasheet HTML 6Page - Sony Corporation CXA3276Q Datasheet HTML 7Page - Sony Corporation CXA3276Q Datasheet HTML 8Page - Sony Corporation CXA3276Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
CXA3276Q
8-bit 160MSPS Flash A/D Converter
Description
The CXA3276Q is an 8-bit high-speed flash A/D
converter capable of digitizing analog signals at the
maximum rate of 160MSPS. ECL, PECL or TTL can
be selected as the digital input level in accordance
with the application. The TTL digital output level
allows 1: 2 demultiplexed output.
Features
• Differential linearity error: ±0.5LSB or less
• Integral linearity error: ±0.5LSB or less
• Maximum conversion rate of 160MSPS
• Low input capacitance: 10pF
• Wide analog input bandwidth: 250MHz
• Low power consumption: 550mW
• 1: 2 demultiplexed output
• 1/2 frequency-divided clock output
(with reset function)
• Compatible with ECL, PECL and TTL digital input
levels
• TTL output "H" levels: 2.8V (Typ.)
• +3.3V line CMOS IC direct connecting available
• Single +5V power supply operation available
• Surface mounting package (48-pin QFP)
Pin Configuration (Top View)
Structure
Bipolar silicon monolithic IC
Applications
• LCD monitors
• LCD projectors
– 1 –
E98773-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CLK/E
N.C.
CLK/T
N.C.
N.C.
DVCC2
DGND2
PAD0
PAD1
PAD2
PAD3
CLKN/E
RESETN/E
SELECT
RESETN/T
INV
CLKOUT
DVCC2
DGND2
PBD7
PBD6
PBD5
PBD4
RESET/E
13
14
15
16
17
18
19
20
21
22
23
24
25 26 27 28 29 30
40
39
38
37
36
35
34
31 32 33
41
42
43
44
45
46
47
48
2
3
4
5
6
7
8
9
10
11
12
1
48 pin QFP (Plastic)
LEAD TREATMENT: PALLADIUM PLATING


同様の部品番号 - CXA3276Q

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3271GE SONY-CXA3271GE Datasheet
180Kb / 17P
   Fingerprint Sensor
CXA3272R SONY-CXA3272R Datasheet
98Kb / 2P
   CXA3272R
CXA3275Q SONY-CXA3275Q Datasheet
201Kb / 22P
   PLL/OSC/MIX IC for Digital Tuner
More results

同様の説明 - CXA3276Q

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3286R SONY-CXA3286R Datasheet
331Kb / 23P
   8-bit 160MSPS Flash A/D Converter
logo
Intersil Corporation
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
HI3276 INTERSIL-HI3276 Datasheet
228Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
June 1999
HI3286 INTERSIL-HI3286 Datasheet
229Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
June 1999
logo
Sony Corporation
CX20201A-1 SONY-CX20201A-1 Datasheet
319Kb / 13P
   10/9/8-BIT 160MSPS D/A CONVERTER
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Sony Corporation
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
   8-bit 120MSPS Flash A/D Converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
Intersil Corporation
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
logo
Sony Corporation
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com