データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA3286 データシート(PDF) 7 Page - Sony Corporation

部品番号 CXA3286
部品情報  8-bit 160MSPS Flash A/D Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3286 データシート(HTML) 7 Page - Sony Corporation

Back Button CXA3286 Datasheet HTML 3Page - Sony Corporation CXA3286 Datasheet HTML 4Page - Sony Corporation CXA3286 Datasheet HTML 5Page - Sony Corporation CXA3286 Datasheet HTML 6Page - Sony Corporation CXA3286 Datasheet HTML 7Page - Sony Corporation CXA3286 Datasheet HTML 8Page - Sony Corporation CXA3286 Datasheet HTML 9Page - Sony Corporation CXA3286 Datasheet HTML 10Page - Sony Corporation CXA3286 Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
– 7 –
CXA3286R
4.0V
(typ.)
11
VRT
Top reference voltage.
By-pass to AGND with a 1µF tantal
capacitor and a 0.1µF chip capacitor.
VRB +
(VRT – VRB)
9
VRM3
Reference voltage mid point.
By-pass to AGND with a 0.1µF chip
capacitor.
7
VRM2
Reference voltage mid point.
By-pass to AGND with a 0.1µF chip
capacitor.
4
VRM1
Reference voltage mid point.
By-pass to AGND with a 0.1µF chip
capacitor.
2.0V
(typ.)
2
VRB
Bottom reference voltage.
By-pass to AGND with a 1µF tantal
capacitor and a 0.1µF chip capacitor.
r1
r/2
Comparator 1
Comparator 63
Comparator 64
Comparator 128
Comparator 191
Comparator 127
Comparator 192
Comparator 255
r
r2
r/2
r
r
r
r
4
7
9
2
11
r
I
I
4
3
4
2
VRB +
(VRT – VRB)
4
1
VRB +
(VRT – VRB)
Pin
No.
Symbol
I/O
Standard
voltage level
Equivalent circuit
Description
Clock output.
(See Table 2. Operation Mode
Table.)
TTL output; the high level is
clamped to approximately 2.8V.
21
to
28
PAD0
to
PAD7
Port A side data output.
TTL output; the high level is
clamped to approximately 2.8V.
33
to
40
PBD0
to
PBD7
43
CLKOUT
Port B side data output.
TTL output; the high level is
clamped to approximately 2.8V.
6
VIN
VRT
to
VRB
I
TTL
O
O
O
Analog input.
AVCC
Comparator
Vref
AGND
DVEE3
AVCC
6
DVCC2
DGND2
DVCC1
DGND1
DVEE3
21
28
33
40
43
to
to


同様の部品番号 - CXA3286

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3201AN SONY-CXA3201AN Datasheet
154Kb / 10P
   RX Gain Control Amplifier
CXA3201N SONY-CXA3201N Datasheet
189Kb / 10P
   RX Gain Control Amplifier
CXA3202AN SONY-CXA3202AN Datasheet
135Kb / 10P
   TX Gain Control Amplifier
CXA3202N SONY-CXA3202N Datasheet
163Kb / 10P
   TX Gain Control Amplifier
CXA3205N SONY-CXA3205N Datasheet
320Kb / 23P
   All Band TV Tuner IC with On-chip PLL
More results

同様の説明 - CXA3286

メーカー部品番号データシート部品情報
logo
Intersil Corporation
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
HI3276 INTERSIL-HI3276 Datasheet
228Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
June 1999
HI3286 INTERSIL-HI3286 Datasheet
229Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
June 1999
logo
Sony Corporation
CXA3276Q SONY-CXA3276Q Datasheet
312Kb / 22P
   8-bit 160MSPS Flash A/D Converter
CX20201A-1 SONY-CX20201A-1 Datasheet
319Kb / 13P
   10/9/8-BIT 160MSPS D/A CONVERTER
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Sony Corporation
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
   8-bit 120MSPS Flash A/D Converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
Intersil Corporation
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
logo
Sony Corporation
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com