データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA7000R データシート(PDF) 11 Page - Sony Corporation

部品番号 CXA7000R
部品情報  LCD Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA7000R データシート(HTML) 11 Page - Sony Corporation

Back Button CXA7000R Datasheet HTML 7Page - Sony Corporation CXA7000R Datasheet HTML 8Page - Sony Corporation CXA7000R Datasheet HTML 9Page - Sony Corporation CXA7000R Datasheet HTML 10Page - Sony Corporation CXA7000R Datasheet HTML 11Page - Sony Corporation CXA7000R Datasheet HTML 12Page - Sony Corporation CXA7000R Datasheet HTML 13Page - Sony Corporation CXA7000R Datasheet HTML 14Page - Sony Corporation CXA7000R Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
– 11 –
CXA7000R
Description of Operation
The flow of internal operations is described below.
The digital signals input to D_IN0 to D_IN9 are internally D/A converted into approximately 1.5V (at VREF_I:
3.2V) analog signals. After that, the signal that has been demultiplexed into 6 phases is amplified by a factor of
three times, inverted at the signal center potential according to FRP, and output.
The output level relative to the digital input changes according to the following settings.
A: SIG_OFST voltage
B: VREF_I voltage
C: SIG.C voltage
1. Digital input block
The CXA7000R can be set to master/slave mode, single mode and left/light inversion. This makes it possible to
support various systems.
In master/slave mode, the even and odd data is internally selected respectively and input to the D/A converter.
2. D/A converter block
The internal D/A converter has two systems for odd-numbered and even-numbered outputs. The voltage input
from VREF_I becomes the 100% white level potential of the analog converted signal, and this amplitude is a
maximum 1.5Vp-p with respect to input data of 000h to 3FFh.
3. Sample-and-hold (S/H) block
The D/A converter outputs are input to the sample-and-hold blocks, respectively. The signals are converted from
time series signals into 6-phase cyclic parallel signals by the sample-and-hold group which is appropriately
controlled by the internal timing generator. For forward scan, the signals are output in the ascending order of
SH_OUT1, SH_OUT2, SH_OUT3 ... SH_OUT6. For reverse scan, this order is inverted and the signals are
output in descending order. Connect the signals to the LCD panel according to the order used. The timing of
each sample-and-hold pulse is shown on the following pages. These pulses are not output and are used only
inside the IC.
VCC
GND
Signal Center
1023
512
0
A
A
B
B
C
Digital IN
SH_OUT


同様の部品番号 - CXA7000R

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA7002R SONY-CXA7002R Datasheet
424Kb / 47P
   I2C Bus Compatible Audio Video (AV) Switch & Electronic Volume Control
More results

同様の説明 - CXA7000R

メーカー部品番号データシート部品情報
logo
Neotec Semiconductor Lt...
NT7107C NEOTEC-NT7107C Datasheet
547Kb / 21P
   LCD driver
Rev1.0 2015/08/17
NT7108C NEOTEC-NT7108C Datasheet
596Kb / 25P
   LCD driver
Rev1.0 2015/08/17
logo
Sanyo Semicon Device
LC7582 SANYO-LC7582 Datasheet
378Kb / 9P
   LCD Driver
logo
Sony Corporation
CXA3512R SONY-CXA3512R Datasheet
371Kb / 24P
   LCD Driver
CXA3562R SONY-CXA3562R Datasheet
340Kb / 24P
   LCD Driver
logo
Neotec Semiconductor Lt...
NT7108D NEOTEC-NT7108D Datasheet
354Kb / 24P
   LCD driver
Rev 1.0 2015/08/12
logo
Sony Corporation
CXA3562AR SONY-CXA3562AR Datasheet
348Kb / 24P
   LCD Driver
logo
Neotec Semiconductor Lt...
NT7063B NEOTEC-NT7063B Datasheet
313Kb / 11P
   LCD Driver
Version 1.3
NT7107D NEOTEC-NT7107D Datasheet
367Kb / 21P
   LCD driver
Rev1.0 2015/08/12
NT7086PQ NEOTEC-NT7086PQ Datasheet
672Kb / 31P
   LCD Driver
Version 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com