データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Y-CONC-R402M-MA8B-2000-A データシート(PDF) 2 Page - YAMAHA CORPORATION

部品番号 Y-CONC-R402M-MA8B-2000-A
部品情報  IP67/68/69K Protected Components
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YAMAHA [YAMAHA CORPORATION]
ホームページ  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

Y-CONC-R402M-MA8B-2000-A データシート(HTML) 2 Page - YAMAHA CORPORATION

  Y-CONC-R402M-MA8B-2000-A Datasheet HTML 1Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 2Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 3Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 4Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 5Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 6Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 7Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 8Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 9Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
Table of Contents
+
The technical data and specifications of the products shown in this catalogue are for reference only, and apply to products available at the
time of catalogue printing in Nov 2010. Product modification often involves changes to technical data and size, and it is therefore
recommended that the buyer request the latest technical specifications and terms of delivery before placing a purchasing contract.
Y-ConRJ45 system overview .............................................................................................. inside cover
IP67/68/69K protected components for Y-Con RJ45
Cover, metal housing and transport cap ...........................................................
2
Cover EMI version, metal housing and transport cap .......................................
3
Full metal cover and transport cap.....................................................................
4
Full metal cover EMI version and transport cap.................................................
5
Mounting flange, transport cap and punch ........................................................
6
Full metal mounting flange, transport cap and punch........................................
7
Industrial RJ45 plugs
RJ45 cable plug, standard strain relief and transport cap ..................................
8
IP20 protected components for Y-Con RJ45
Locking system (180°) with holding frames ......................................................
9
Metal cover EMI version and transport cap .......................................................
10
Locking system (90°) with locking slider............................................................
11
RJ45 cable assemblies .......................................................................................................
12 - 13
Industrial RJ45 jacks............................................................................................................
14 - 22
Assembly tools ....................................................................................................................
23
Industrial cables...................................................................................................................
24 - 25
Field kits for Y-Con RJ45 .....................................................................................................
26 - 27
Industrial peripherals
Outlet .................................................................................................................
28
Terminal .............................................................................................................
28
Coupler...............................................................................................................
29
Ethernet switch..................................................................................................
29
Y-Con with M8 / M12 cable assemblies .............................................................................
30 - 31
Y-ConProfiNet ......................................................................................................................
32
Y-ConUSB
Memory stick .....................................................................................................
33
Mounting flange and adapter .............................................................................
34
PCB mounted jacks, coupler jacks.....................................................................
35
Cable assemblies ...............................................................................................
36 -37
Y-ConIEEE
Cable assemblies ...............................................................................................
38
Mounting flange, adapter and PCB mounted jack .............................................
39
Product tests ......................................................................................................................
40
Part number details ............................................................................................................. back pages
Y-ConUSB system overview ............................................................................................... back cover


同様の部品番号 - Y-CONC-R402M-MA8B-2000-A

メーカー部品番号データシート部品情報
logo
Yamaichi Electronics Co...
Y-CONC-R402M-MA8B-2000-A YAMAICHI-Y-CONC-R402M-MA8B-2000-A Datasheet
2Mb / 42P
   IP67/68/69K Protected Components
More results

同様の説明 - Y-CONC-R402M-MA8B-2000-A

メーカー部品番号データシート部品情報
logo
Yamaichi Electronics Co...
Y-CONCOVER-10-X-X YAMAICHI-Y-CONCOVER-10-X-X Datasheet
2Mb / 42P
   IP67/68/69K Protected Components
Y-CONSWITCH-1UP7 YAMAICHI-Y-CONSWITCH-1UP7 Datasheet
277Kb / 1P
   IP67 Protected 10BaseT / 100Base-TX Ethernet Switch
logo
List of Unclassifed Man...
JR25WCCA-12 ETC2-JR25WCCA-12 Datasheet
549Kb / 8P
   IP67 waterproof protected heavy duty metal shell connectors
logo
PHOENIX CONTACT
1261657 PHOENIX-1261657 Datasheet
205Kb / 6P
   Monitor - FPM 17.3 69K
Dec 2, 2022
1261660 PHOENIX-1261660 Datasheet
200Kb / 5P
   Monitor - FPM 15.6 69K
Dec 2, 2022
1261659 PHOENIX-1261659 Datasheet
203Kb / 6P
   Monitor - FPM 23.8 69K
Dec 2, 2022
1261662 PHOENIX-1261662 Datasheet
206Kb / 6P
   Monitor - FPM 23.8 69K SP
Dec 2, 2022
1261656 PHOENIX-1261656 Datasheet
205Kb / 6P
   Monitor - FPM 17.3 69K SP
Dec 2, 2022
1261658 PHOENIX-1261658 Datasheet
200Kb / 5P
   Monitor - FPM 15.6 69K SP
Dec 2, 2022
1262469 PHOENIX-1262469 Datasheet
211Kb / 7P
   Panel PC - PPC 17.3 AIO 69K
Dec 2, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com