データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5601 データシート(PDF) 10 Page - Analog Devices

部品番号 AD5601
部品情報  2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5601 データシート(HTML) 10 Page - Analog Devices

Back Button AD5601_12 Datasheet HTML 6Page - Analog Devices AD5601_12 Datasheet HTML 7Page - Analog Devices AD5601_12 Datasheet HTML 8Page - Analog Devices AD5601_12 Datasheet HTML 9Page - Analog Devices AD5601_12 Datasheet HTML 10Page - Analog Devices AD5601_12 Datasheet HTML 11Page - Analog Devices AD5601_12 Datasheet HTML 12Page - Analog Devices AD5601_12 Datasheet HTML 13Page - Analog Devices AD5601_12 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD5601/AD5611/AD5621
Data Sheet
Rev. F | Page 10 of 24
Figure 23. Noise Spectral Density
Figure 24. Supply Current vs. Digital Input Code
Figure 25. Sink and Source Capability
Figure 26. INL vs. Temperature (5 V)
Figure 27. DNL vs. Temperature (5 V)
Figure 28. Zero-Code Error and Full-Scale Error vs. Temperature
0
100
200
300
400
500
600
700
100
1k
10k
100k
FREQUENCY (Hz)
VDD = 5V
TA = 25°C
UNLOADED OUTPUT
MIDSCALE
ZERO SCALE
FULL SCALE
0
10
20
30
40
50
60
70
0
2000
4000
6000
8000
10000 12000 14000 16000
DIGITAL INPUT CODE
VDD = 5V
VDD = 3V
TA = 25°C
–0.6
–0.4
–0.2
0.0
0.2
0.4
0.6
0.8
–15
–10
–5
0
5
10
15
I (mA)
DAC LOADED WITH ZERO-SCALE CODE
VDD = 5V
TA = 25°C
DAC LOADED WITH FULL-SCALE CODE
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
–40
–20
0
40
20
60
80
100
120
TEMPERATURE (°C)
AD5611 MIN INL ERROR
AD5621 MIN INL ERROR
AD5621 MAX INL ERROR
VDD = 5V
AD5611 MAX INL ERROR
AD5601 MAX INL ERROR
AD5601 MIN INL ERROR
–0.08
–0.07
–0.06
–0.05
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
–40
10
60
110
160
TEMPERATURE (°C)
VDD = 5V
AD5611 MIN DNL ERROR
AD5621 MAX DNL ERROR
AD5611 MAX DNL ERROR
AD5601 MAX DNL ERROR
AD5601 MIN DNL ERROR
AD5621 MIN DNL ERROR
–40
40
60
80
100
–20
0
–20
120
140
TEMPERATURE (°C)
AD5621 ZERO-CODE ERROR
AD5611 FULL-SCALE ERROR
AD5621 FULL-SCALE ERROR
VDD = 5V
0.00149
0.00099
0.00049
–0.00001
–0.00051
AD5611 ZERO-CODE ERROR
AD5601 ZERO-CODE ERROR
AD5601 FULL-SCALE ERROR


同様の部品番号 - AD5601_12

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5601 AD-AD5601_13 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5601 AD-AD5601_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5601 AD-AD5601_16 Datasheet
577Kb / 21P
   8-/10-/12-Bit nanoDAC, SPI Interface
More results

同様の説明 - AD5601_12

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5621AKSZ AD-AD5621AKSZ Datasheet
466Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5601 AD-AD5601_13 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5601 AD-AD5601 Datasheet
599Kb / 20P
   2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package
Rev. PrC
AD5601 AD-AD5601_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5611 AD-AD5611_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5621 AD-AD5621_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5602 AD-AD5602 Datasheet
563Kb / 24P
   2.7 V to 5.5 V, <100 uA, 8-/10-/12-Bit nanoDACs with
REV. B
logo
Texas Instruments
TLV5629IPWG4 TI1-TLV5629IPWG4 Datasheet
915Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER
logo
Analog Devices
AD5641 AD-AD5641 Datasheet
572Kb / 20P
   2.7 V to 5.5 V, <100 uA, 14-Bit nanoDAC D/A in SC70 Package
Rev. PrC
AD5663 AD-AD5663_15 Datasheet
725Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output, Dual 16-Bit nanoDAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com