データシートサーチシステム |
|
SM16LC24C データシート(PDF) 6 Page - Protek Devices |
|
SM16LC24C データシート(HTML) 6 Page - Protek Devices |
6 / 9 page Only One Name Means ProTek’Tion™ www.protekdevices.com 05051.R14 10/12 Page 6 SM16LC03 - SM16LC36C APPLICATION INFORMATION FIGURE 1 - BIDIRECTIONAL COMMON-MODE PROTECTION Circuit connectivity is as follows: • Line 1 connected to Pin 9. • Line 2 connected to Pin 10. • Line 3 connected to Pin 11. • Line 4 connected to Pin 12. • Line 5 connected to Pin 13. • Line 6 connected to Pin 14. • Line 7 connected to Pin 15. • Line 8 connected to Pin 16. • Pins 1 - 8 connected to ground. CIRCUIT BOARD RECOMMENDATIONS Circuit board layout is critical for electromagnetic compatibility protection. The following guidelines are recommended: • The protection device should be placed near the input terminals or connectors, the device will divert the transient current immediately before it can be coupled into the nearby traces. • The path length between the TVS device and the protected line should be minimized. • All conductive loops including power and ground loops should be minimized. • The transient current return path to ground should be kept as short as possible to reduce parasitic inductance. • Ground planes should be used whenever possible. For multilayer PCBs, use ground vias. 1 2 5 4 16 3 6 7 8 9 10 11 12 13 14 15 Line 3 Line 4 Line 5 Line 6 Line 7 Line 8 Line 2 Line 1 D D R R Transceiver |
同様の部品番号 - SM16LC24C |
|
同様の説明 - SM16LC24C |