データシートサーチシステム |
|
TMPG06-7.5A データシート(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd |
|
TMPG06-7.5A データシート(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd |
2 / 3 page 2 of 3 6.8V-43V 1.0mA-10mA TMPG06-6.8/A THRU TMPG06-43/A E-mail: sales@taychipst.com Web Site: www.taychipst.com Note: (1) Pulse test: tp ≤ 50 ms (2) Surge current waveform per Fig. 3 and derated per Fig. 2 (3) All terms and symbols are consistent with ANSI/IEEE C62.35 ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted) DEVICE TYPE MAXIMUM BREAKDOWN VOLTAGE V(BR) (1) AT IT (V) TEST CURRENT IT (mA) STAND- OFF VOLTAGE VWM (V) MAXIMUM REVERSE LEAKAGE AT VWM ID (µA) REVERSE LEAKAGE AT VWM TJ = 150 °C ID (µA) PEAK PULSE CURRENT IPPM (2) (A) MAXIMUM CLAMPING VOLTAGE AT LPPM VC (Volts) MAXIMUM TEMP. COEFFICIENT OF V(BR) (%/°C) MIN MAX TMPG06-6.8 6.12 7.48 10.0 5.50 300 1000 27.8 10.8 0.057 TMPG06-6.8A 6.45 7.14 10.0 5.80 300 1000 28.6 10.5 0.057 TMPG06-7.5 6.75 8.25 10.0 6.05 150 500 25.6 11.7 0.060 TMPG06-7.5A 7.13 7.88 10.0 6.40 150 500 26.5 11.3 0.061 TMPG06-8.2 7.38 9.02 10.0 6.63 50.0 200 24.0 12.5 0.065 TMPG06-8.2A 7.79 8.61 10.0 7.02 50.0 200 24.8 12.1 0.065 TMPG06-9.1 8.19 10.0 1.0 7.37 10.0 50.0 21.7 13.8 0.068 TMPG06-9.1A 8.65 9.55 1.0 7.78 10.0 50.0 22.4 13.4 0.068 TMPG06-10 9.00 11.0 1.0 8.10 5.0 20.0 26.7 15.0 0.073 TMPG06-10A 9.50 10.5 1.0 8.55 5.0 20.0 27.6 14.5 0.073 TMPG06-11 9.90 12.1 1.0 8.92 2.0 10.0 24.7 16.2 0.075 TMPG06-11A 10.5 11.6 1.0 9.40 2.0 10.0 25.6 15.6 0.075 TMPG06-12 10.8 13.2 1.0 9.72 1.0 5.0 23.1 17.3 0.076 TMPG06-12A 11.4 12.6 1.0 10.2 1.0 5.0 24.0 16.7 0.078 TMPG06-13 11.7 14.3 1.0 10.5 1.0 5.0 21.1 19.0 0.081 TMPG06-13A 12.4 13.7 1.0 11.1 1.0 5.0 22.0 18.2 0.081 TMPG06-15 13.5 16.3 1.0 12.1 1.0 5.0 18.2 22.0 0.084 TMPG06-15A 14.3 15.8 1.0 12.8 1.0 5.0 18.9 21.2 0.084 TMPG06-16 14.4 17.6 1.0 12.9 1.0 5.0 17.0 23.5 0.086 TMPG06-16A 15.2 16.8 1.0 13.6 1.0 5.0 17.8 22.5 0.086 TMPG06-18 16.2 19.8 1.0 14.5 1.0 5.0 15.1 26.5 0.088 TMPG06-18A 17.1 18.9 1.0 15.3 1.0 5.0 15.9 25.5 0.088 TMPG06-20 18.0 22.0 1.0 16.2 1.0 5.0 13.7 29.1 0.090 TMPG06-20A 19.0 21.0 1.0 17.0 1.0 5.0 14.4 27.7 0.090 TMPG06-22 19.8 24.2 1.0 17.8 1.0 5.0 12.5 31.9 0.092 TMPG06-22A 20.9 23.1 1.0 18.8 1.0 5.0 13.1 30.6 0.092 TMPG06-24 21.6 26.4 1.0 19.4 1.0 5.0 11.5 34.2 0.094 TMPG06-24A 22.8 25.2 1.0 20.5 1.0 5.0 12.0 33.2 0.094 TMPG06-27 24.3 29.7 1.0 21.8 1.0 5.0 10.2 39.1 0.096 TMPG06-27A 25.7 28.4 1.0 23.1 1.0 5.0 10.7 37.5 0.096 TMPG06-30 27.0 33.0 1.0 24.3 1.0 5.0 9.2 43.5 0.097 TMPG06-30A 28.5 31.5 1.0 25.6 1.0 5.0 9.7 41.4 0.097 TMPG06-33 29.7 36.3 1.0 26.8 1.0 5.0 8.4 47.7 0.098 TMPG06-33A 31.4 34.7 1.0 28.2 1.0 5.0 8.8 45.7 0.098 TMPG06-36 32.4 39.6 1.0 29.1 1.0 5.0 7.7 52.0 0.099 TMPG06-36A 34.2 37.8 1.0 30.8 1.0 5.0 8.0 49.9 0.099 TMPG06-39 35.1 42.9 1.0 31.6 1.0 5.0 7.1 56.4 0.100 TMPG06-39A 37.1 41.0 1.0 33.3 1.0 5.0 7.4 53.9 0.100 TMPG06-43 38.7 47.3 1.0 34.8 1.0 5.0 6.5 61.9 0.101 TMPG06-43A 40.9 45.2 1.0 36.8 1.0 5.0 6.7 59.3 0.101 Automotive Transient Voltage Suppressors |
同様の部品番号 - TMPG06-7.5A |
|
同様の説明 - TMPG06-7.5A |