データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMPG06-16A データシート(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

部品番号 TMPG06-16A
部品情報  Automotive Transient Voltage Suppressors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
ホームページ  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

TMPG06-16A データシート(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  TMPG06-16A Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd TMPG06-16A Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd TMPG06-16A Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 of 3
6.8V-43V 1.0mA-10mA
TMPG06-6.8/A THRU TMPG06-43/A
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
Note:
(1) Pulse test: tp ≤ 50 ms
(2) Surge current waveform per Fig. 3 and derated per Fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE C62.35
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE TYPE
MAXIMUM
BREAKDOWN
VOLTAGE V(BR)
(1)
AT IT (V)
TEST
CURRENT
IT (mA)
STAND-
OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (µA)
REVERSE
LEAKAGE
AT VWM
TJ = 150 °C
ID (µA)
PEAK
PULSE
CURRENT
IPPM
(2)
(A)
MAXIMUM
CLAMPING
VOLTAGE
AT LPPM
VC (Volts)
MAXIMUM
TEMP.
COEFFICIENT
OF V(BR)
(%/°C)
MIN
MAX
TMPG06-6.8
6.12
7.48
10.0
5.50
300
1000
27.8
10.8
0.057
TMPG06-6.8A
6.45
7.14
10.0
5.80
300
1000
28.6
10.5
0.057
TMPG06-7.5
6.75
8.25
10.0
6.05
150
500
25.6
11.7
0.060
TMPG06-7.5A
7.13
7.88
10.0
6.40
150
500
26.5
11.3
0.061
TMPG06-8.2
7.38
9.02
10.0
6.63
50.0
200
24.0
12.5
0.065
TMPG06-8.2A
7.79
8.61
10.0
7.02
50.0
200
24.8
12.1
0.065
TMPG06-9.1
8.19
10.0
1.0
7.37
10.0
50.0
21.7
13.8
0.068
TMPG06-9.1A
8.65
9.55
1.0
7.78
10.0
50.0
22.4
13.4
0.068
TMPG06-10
9.00
11.0
1.0
8.10
5.0
20.0
26.7
15.0
0.073
TMPG06-10A
9.50
10.5
1.0
8.55
5.0
20.0
27.6
14.5
0.073
TMPG06-11
9.90
12.1
1.0
8.92
2.0
10.0
24.7
16.2
0.075
TMPG06-11A
10.5
11.6
1.0
9.40
2.0
10.0
25.6
15.6
0.075
TMPG06-12
10.8
13.2
1.0
9.72
1.0
5.0
23.1
17.3
0.076
TMPG06-12A
11.4
12.6
1.0
10.2
1.0
5.0
24.0
16.7
0.078
TMPG06-13
11.7
14.3
1.0
10.5
1.0
5.0
21.1
19.0
0.081
TMPG06-13A
12.4
13.7
1.0
11.1
1.0
5.0
22.0
18.2
0.081
TMPG06-15
13.5
16.3
1.0
12.1
1.0
5.0
18.2
22.0
0.084
TMPG06-15A
14.3
15.8
1.0
12.8
1.0
5.0
18.9
21.2
0.084
TMPG06-16
14.4
17.6
1.0
12.9
1.0
5.0
17.0
23.5
0.086
TMPG06-16A
15.2
16.8
1.0
13.6
1.0
5.0
17.8
22.5
0.086
TMPG06-18
16.2
19.8
1.0
14.5
1.0
5.0
15.1
26.5
0.088
TMPG06-18A
17.1
18.9
1.0
15.3
1.0
5.0
15.9
25.5
0.088
TMPG06-20
18.0
22.0
1.0
16.2
1.0
5.0
13.7
29.1
0.090
TMPG06-20A
19.0
21.0
1.0
17.0
1.0
5.0
14.4
27.7
0.090
TMPG06-22
19.8
24.2
1.0
17.8
1.0
5.0
12.5
31.9
0.092
TMPG06-22A
20.9
23.1
1.0
18.8
1.0
5.0
13.1
30.6
0.092
TMPG06-24
21.6
26.4
1.0
19.4
1.0
5.0
11.5
34.2
0.094
TMPG06-24A
22.8
25.2
1.0
20.5
1.0
5.0
12.0
33.2
0.094
TMPG06-27
24.3
29.7
1.0
21.8
1.0
5.0
10.2
39.1
0.096
TMPG06-27A
25.7
28.4
1.0
23.1
1.0
5.0
10.7
37.5
0.096
TMPG06-30
27.0
33.0
1.0
24.3
1.0
5.0
9.2
43.5
0.097
TMPG06-30A
28.5
31.5
1.0
25.6
1.0
5.0
9.7
41.4
0.097
TMPG06-33
29.7
36.3
1.0
26.8
1.0
5.0
8.4
47.7
0.098
TMPG06-33A
31.4
34.7
1.0
28.2
1.0
5.0
8.8
45.7
0.098
TMPG06-36
32.4
39.6
1.0
29.1
1.0
5.0
7.7
52.0
0.099
TMPG06-36A
34.2
37.8
1.0
30.8
1.0
5.0
8.0
49.9
0.099
TMPG06-39
35.1
42.9
1.0
31.6
1.0
5.0
7.1
56.4
0.100
TMPG06-39A
37.1
41.0
1.0
33.3
1.0
5.0
7.4
53.9
0.100
TMPG06-43
38.7
47.3
1.0
34.8
1.0
5.0
6.5
61.9
0.101
TMPG06-43A
40.9
45.2
1.0
36.8
1.0
5.0
6.7
59.3
0.101
Automotive Transient Voltage Suppressors


同様の部品番号 - TMPG06-16A

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TMPG06-16A VISHAY-TMPG06-16A Datasheet
87Kb / 5P
   Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions)
13-Dec-06
TMPG06-16A VISHAY-TMPG06-16A Datasheet
102Kb / 5P
   Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
TMPG06-16A VISHAY-TMPG06-16A Datasheet
85Kb / 5P
   PAR Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 09-Feb-11
More results

同様の説明 - TMPG06-16A

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
1.5KA6.8 VISHAY-1.5KA6.8 Datasheet
67Kb / 3P
   Automotive Transient Voltage Suppressors
08-Oct-02
logo
Shenzhen Luguang Electr...
SM5S10 LUGUANG-SM5S10 Datasheet
49Kb / 3P
   Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
P4KA6.8 VISHAY-P4KA6.8_08 Datasheet
99Kb / 5P
   Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
1.5KA30A VISHAY-1.5KA30A Datasheet
39Kb / 3P
   Automotive Transient Voltage Suppressors
08-Oct-02
P4KA6.8 VISHAY-P4KA6.8 Datasheet
36Kb / 3P
   Automotive Transient Voltage Suppressors
03-May-02
6KA24 VISHAY-6KA24 Datasheet
94Kb / 4P
   Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
P6KA VISHAY-P6KA Datasheet
29Kb / 3P
   Automotive Transient Voltage Suppressors
06-May-02
logo
Shenzhen Luguang Electr...
SM8S33 LUGUANG-SM8S33 Datasheet
81Kb / 4P
   Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
P6KA6.8 VISHAY-P6KA6.8 Datasheet
101Kb / 5P
   Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
1.5KA6.8 VISHAY-1.5KA6.8_08 Datasheet
102Kb / 5P
   Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com