データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KIA78R05FXX データシート(PDF) 1 Page - Tiger Electronic Co.,Ltd

部品番号 KIA78R05FXX
部品情報  1A Low Dropout Voltage Regulator With ON/OFF Control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TGS [Tiger Electronic Co.,Ltd]
ホームページ  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

KIA78R05FXX データシート(HTML) 1 Page - Tiger Electronic Co.,Ltd

  KIA78R05FXX Datasheet HTML 1Page - Tiger Electronic Co.,Ltd KIA78R05FXX Datasheet HTML 2Page - Tiger Electronic Co.,Ltd KIA78R05FXX Datasheet HTML 3Page - Tiger Electronic Co.,Ltd KIA78R05FXX Datasheet HTML 4Page - Tiger Electronic Co.,Ltd KIA78R05FXX Datasheet HTML 5Page - Tiger Electronic Co.,Ltd KIA78R05FXX Datasheet HTML 6Page - Tiger Electronic Co.,Ltd KIA78R05FXX Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
1A Low Dropout Voltage Regulator With ON/OFF Control
KIA78RXX
DESCRIPTIONS:
The KIA78RXX is a low drop v o lt age regulat or s u ita ble for various ele ctronic eq u i p ment. Th e
out put current is up to 1.0A an d d r opou t v o lt age is 0.5V ty p. at Io = 1 .0A. Th is regulat or
has vari ous functi on s u ch as pea k current pro tecti on, the r mal shut d o wn, o v er v o lta ge
protect io n and out put disabl e fun ctio n. Th e KIA78RXX i s a v a i l a b l e i n T O - 2 5 2 - 5 L 、
T O -220F-4 power pack age.
FEATURE S
1.0A o u tp u t low dro p volt a ge re g u lat o r.
Built in ON/OFF control terminal.
Built in ov er current p r otecti on, o v er hea t pr otect io n fu ncti on.
BLOCK DIAGRAM
TIGER ELECTRONIC CO.,LTD
1/7


同様の部品番号 - KIA78R05FXX

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KIA78R05F KEC-KIA78R05F Datasheet
122Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (5 TERMINAL LOW DROP VOLTAGE REGULATOR)
logo
Tiger Electronic Co.,Lt...
KIA78R05F TGS-KIA78R05F Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
logo
KEC(Korea Electronics)
KIA78R05F KEC-KIA78R05F Datasheet
108Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78R05F KEC-KIA78R05F_15 Datasheet
108Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

同様の説明 - KIA78R05FXX

メーカー部品番号データシート部品情報
logo
Tiger Electronic Co.,Lt...
KIA78R25F TGS-KIA78R25F Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
NJM2387A NJRC-NJM2387A Datasheet
272Kb / 10P
   ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-15
logo
Toshiba Semiconductor
TA48S015AF TOSHIBA-TA48S015AF Datasheet
251Kb / 11P
   1A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
logo
ON Semiconductor
MC33375 ONSEMI-MC33375_06 Datasheet
155Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
MC33375 ONSEMI-MC33375_09 Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com