データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXD2597Q データシート(PDF) 1 Page - Sony Corporation

部品番号 CXD2597Q
部品情報  CD Digital Signal Processor with Built-in Digital Servo and DAC
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2597Q データシート(HTML) 1 Page - Sony Corporation

  CXD2597Q Datasheet HTML 1Page - Sony Corporation CXD2597Q Datasheet HTML 2Page - Sony Corporation CXD2597Q Datasheet HTML 3Page - Sony Corporation CXD2597Q Datasheet HTML 4Page - Sony Corporation CXD2597Q Datasheet HTML 5Page - Sony Corporation CXD2597Q Datasheet HTML 6Page - Sony Corporation CXD2597Q Datasheet HTML 7Page - Sony Corporation CXD2597Q Datasheet HTML 8Page - Sony Corporation CXD2597Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 115 page
background image
Description
The CXD2597Q is a digital signal processor LSI for
CD players. This LSI incorporates a digital servo,
digital filter, zero detection circuit, 1-bit DAC and
analog low-pass filter on a single chip.
Features
Digital Signal Processor (DSP) Block
• Playback mode supporting CAV (Constant Angular
Velocity)
• Frame jitter free
• 0.5
× to 4× continuous playback possible
• Allows relative rotational velocity readout
• Wide capture range playback mode
• Spindle rotational velocity following method
• Supports normal-speed to 4
× speed playback
• 16K RAM
• EFM data demodulation
• Enhanced EFM frame sync signal protection
• SEC strategy-based error correction
• Subcode demodulation and Sub Q data error
detection
• Digital spindle servo
• 16-bit traverse counter
• Asymmetry correction circuit
• CPU interface on serial bus
• Error correction monitor signal, etc. output from a
new CPU interface
• Servo auto sequencer
• Digital audio interface outputs
• Digital level meter, peak meter
• CD TEXT data demodulation
Digital Servo (DSSP) Block
• Microcomputer software-based flexible servo control
• Offset cancel function for servo error signal
• Auto gain control function for servo loop
• E:F balance, focus bias adjustment functions
Digital Filter, DAC and Analog Low-Pass Filter Blocks
• DBB (digital bass boost) function
• Double-speed playback supported
• Digital de-emphasis
• Digital attenuation
• Zero detection function
• 8Fs oversampling digital filter
• S/N: 100dB or more (master clock: 384Fs, typ.)
Logical value: 109dB
• THD + N: 0.007% or less (master clock: 384Fs, typ.)
• Rejection band attenuation: –60dB or less
Applications
CD players
Structure
Silicon gate CMOS IC
Absolute Maximum Ratings
• Supply voltage
VDD
–0.3 to +7.0
V
• Input voltage
VI
–0.3 to +7.0
V
(VSS – 0.3V to VDD + 0.3)
• Output voltage
VO
–0.3 to +7.0
V
• Storage temperature Tstg
–40 to +125
°C
• Supply voltage difference
VSS – AVSS –0.3 to +0.3
V
VDD – AVDD –0.3 to +0.3
V
Note) AVDD includes XVDD and AVSS includes XVSS.
Recommended Operating Conditions
• Supply voltage
VDD
+2.7 to +5.5
V
• Operating temperature Topr
–20 to +75
°C
Note) The VDD for the CXD2597Q varies according to
the playback speed selection.
– 1 –
CXD2597Q
E97Z35-PS
CD Digital Signal Processor with Built-in Digital Servo and DAC
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Playback
speed
CD-DSP block
DAC block
4
×
4.75 to 5.25
2
×
3.0 to 5.5
4.5 to 5.5
2.7 to 5.5
1
×
2.7 to 5.5
VDD [V]
I/O Capacitance
• Input capacitance
CI
11 (Max.)
pF
• Output capacitance CO
11 (Max.)
pF
• I/O capacitance
CI/O
11 (Max.)
pF
Note) Measurement conditions VDD = VI = 0V
fM = 1MHz
80 pin QFP (Plastic)
For the availability of this product, please contact the sales office.


同様の部品番号 - CXD2597Q

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXD2598 SONY-CXD2598 Datasheet
1Mb / 147P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results

同様の説明 - CXD2597Q

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3005R SONY-CXD3005R Datasheet
1Mb / 136P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3003R SONY-CXD3003R Datasheet
1Mb / 137P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3021R SONY-CXD3021R Datasheet
1Mb / 161P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2548R SONY-CXD2548R Datasheet
1Mb / 113P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3017Q SONY-CXD3017Q Datasheet
1Mb / 117P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com