データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ZY91 データシート(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

部品番号 ZY91
部品情報  SILICON POWER ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
ホームページ  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

ZY91 データシート(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  ZY91 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd ZY91 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd ZY91 Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 of 3
Web Site: www.taychipst.com
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Mechanical Data
· 2 Watt Power Dissipation
· Zener Voltages from 11V - 200V
· Graded per International E24 Standard
· Case: Glass, DO-41
· Leads: Solderable per MIL-STD-202,
Method 208
· Polarity: Cathode Band
· Marking: Type Number
· Weight: 0.35 grams (approx.)
Maximum Ratings
Characteristic
Symbol
Value
Unit
Zener Current (see Table on Page 2)
——
Maximum Power Dissipation (Note 1)
Pd
2W
Thermal Resistance Junction to Ambient Air (Note 1)
RqJA
62.5
K/W
Operating and Storage Temperature Range
Tj,TSTG
-55 to +150
°C
Notes:
1. Valid provided that leads are kept at ambient temperature at a distance of 10mm from case.
@TA = 25°C unless otherwise specified
SILICON POWER ZENER DIODE
10.4V-188V
2W
ZY11 THRU ZY200


同様の部品番号 - ZY91

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
ZY91 DIODES-ZY91 Datasheet
63Kb / 3P
   SILICON POWER ZENER DIODE
DS21406 Rev. E-3
logo
Shanghai Semitech Semic...
ZY91 SEMITECH-ZY91 Datasheet
48Kb / 2P
   Low leakage current
logo
General Semiconductor
ZY91 GE-ZY91 Datasheet
364Kb / 7P
   ZENER DIODES
logo
Diotec Semiconductor
ZY91 DIOTEC-ZY91 Datasheet
111Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
logo
EIC discrete Semiconduc...
ZY91 EIC-ZY91 Datasheet
43Kb / 2P
   SILICON ZENER DIODES
More results

同様の説明 - ZY91

メーカー部品番号データシート部品情報
logo
Zetex Semiconductors
BZP61 ZETEX-BZP61 Datasheet
188Kb / 4P
   Silicon Power Zener Diode
BZV61 ZETEX-BZV61 Datasheet
198Kb / 4P
   Silicon Power Zener Diode
logo
Diodes Incorporated
ZPU100 DIODES-ZPU100 Datasheet
57Kb / 2P
   SILICON POWER ZENER DIODE
DS21405 Rev.D-3
ZY11 DIODES-ZY11 Datasheet
63Kb / 3P
   SILICON POWER ZENER DIODE
DS21406 Rev. E-3
ZPY1 DIODES-ZPY1 Datasheet
62Kb / 3P
   SILICON PLANAR POWER ZENER DIODE
DS21404 Rev. D-3
logo
Pan Jit International I...
1N4736A PANJIT-1N4736A_09 Datasheet
360Kb / 5P
   SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N4832 NJSEMI-1N4832 Datasheet
77Kb / 1P
   SILICON ZENER DIODE
logo
Seme LAB
1N4109D2A SEME-LAB-1N4109D2A Datasheet
195Kb / 3P
   SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A-G PANJIT-1N4728A-G_10 Datasheet
304Kb / 5P
   SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N5930 NJSEMI-1N5930 Datasheet
67Kb / 1P
   SILICON ZENER DIODE
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com