データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXD3029R データシート(PDF) 80 Page - Sony Corporation

部品番号 CXD3029R
部品情報  CD Digital Signal Processor with Built-in Digital Servo Shock-proof Memory Controller Digital High & Bass Boost
Download  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3029R データシート(HTML) 80 Page - Sony Corporation

Back Button CXD3029R Datasheet HTML 76Page - Sony Corporation CXD3029R Datasheet HTML 77Page - Sony Corporation CXD3029R Datasheet HTML 78Page - Sony Corporation CXD3029R Datasheet HTML 79Page - Sony Corporation CXD3029R Datasheet HTML 80Page - Sony Corporation CXD3029R Datasheet HTML 81Page - Sony Corporation CXD3029R Datasheet HTML 82Page - Sony Corporation CXD3029R Datasheet HTML 83Page - Sony Corporation CXD3029R Datasheet HTML 84Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 201 page
background image
– 80 –
CXD3029R
$EX commands
Command
Data 1
SPD mode
CM3
CM2
CM1
CM0
D3
D2
D1
D0
Data 2
EPWM SPDC
ICAP
SFSL
D3
D2
D1
D0
Data 3
VC2C
HIFC
LPWR VPON
D3
D2
D1
D0
Command bit
CM3
CM2
CM1
Description
Spindle stop mode.∗1
Spindle forward rotation mode.∗1
Spindle reverse rotation mode. Valid only when LPWR = 0
in any mode.∗1
Rough servo mode. When the RF-PLL circuit isn't locked,
this mode is used to pull the disc rotations within the RF-
PLL capture range.
PLL servo mode.
Automatic CLVS/CLVP switching mode.
Used for normal playback.
0
1
1
1
1
0
0
0
0
1
1
1
0
0
1
1
1
1
CM0
0
0
0
0
1
0
Mode
STOP
KICK
BRAKE
CLVS
CLVP
CLVA
1 See Timing Charts 1-6 to 1-29.
In the digital CLV servo, the sampling frequency of the internal digital filter is switched simultaneously with
the switching of CLVP/CLVS.
Then, the CLVS mode cut-off frequency fc is 70Hz when $D command TB = 0 or 140Hz when $D command
TB = 1.
Spindle control can be set to the ternary output of only MDP or the binary outputs of MDP and MDS by $AF
commands MDPOUTSL1 and MDPOUTSL0.
Command bit
EPWM SPDC ICAP
Description
Crystal reference CLV servo.
VCO2 reference CLV servo.
Used for playback in CLV-W
mode.∗2
Spindle control with VP0 to VP7.
Spindle control with the external
PWM.
VCO control∗3
0
0
0
0
1
0
0
0
0
1
0
0
0
0
0
1
1
0
SFSL
0
0
0
0
0
0
VC2C
0
0
1
0
0
0
HIFC
0
0
1
1
1
1
LPWR
0
0
0
0
0
0
VPON
0
0
0
1
1
1
INV
VPCO
0
1
0
0
0
1
Mode
CLV-N
CLV-N
CLV-W
CAV-W
CAV-W
VCO-C
2 Figs. 3-1 and 3-2 show the control flow with the microcomputer software in CLV-W mode.
3 Fig. 3-3 shows the control flow with the microcomputer software in VCO-C mode.


同様の部品番号 - CXD3029R

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXD3021 SONY-CXD3021 Datasheet
1Mb / 161P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3021R SONY-CXD3021R Datasheet
1Mb / 161P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
logo
List of Unclassifed Man...
CXD3027 ETC-CXD3027 Datasheet
55Kb / 2P
   CD Audio Digital Signal-Processing LSI Device with On-Chip Digital Servo System Allows Listening without Sound Skipping
logo
Sony Corporation
CXD3027R SONY-CXD3027R Datasheet
1Mb / 191P
   CD Digital Signal Processor with Built-in Digital Servo Shock-Proof Memory Controller Digital High & Bass Boost
logo
List of Unclassifed Man...
CXD3027R-1 ETC-CXD3027R-1 Datasheet
55Kb / 2P
   CD Audio Digital Signal-Processing LSI Device with On-Chip Digital Servo System Allows Listening without Sound Skipping
More results

同様の説明 - CXD3029R

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXD3048R SONY-CXD3048R Datasheet
1Mb / 205P
   CD Digital Signal Processor with Built-in Digital Servo Shock-proof Memory Controller Digital High & Bass Boost
CXD3027R SONY-CXD3027R Datasheet
1Mb / 191P
   CD Digital Signal Processor with Built-in Digital Servo Shock-Proof Memory Controller Digital High & Bass Boost
CXD3059AR SONY-CXD3059AR Datasheet
337Kb / 27P
   CD Digital Signal Processor with Built-in RF Amplifier and Digital Servo Digital High & Bass Boost
CXD3057R SONY-CXD3057R Datasheet
342Kb / 27P
   CD Digital Signal Processor with Built - in RF Amplifier and Digital Servo, Digital High - Bass Boost
CXD2585Q SONY-CXD2585Q Datasheet
962Kb / 127P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3008Q SONY-CXD3008Q Datasheet
1,003Kb / 131P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3068Q SONY-CXD3068Q Datasheet
1Mb / 134P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3003R SONY-CXD3003R Datasheet
1Mb / 137P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3021R SONY-CXD3021R Datasheet
1Mb / 161P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com