データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STPS6M100DEE データシート(PDF) 2 Page - STMicroelectronics

部品番号 STPS6M100DEE
部品情報  High voltage power Schottky rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS6M100DEE データシート(HTML) 2 Page - STMicroelectronics

  STPS6M100DEE Datasheet HTML 1Page - STMicroelectronics STPS6M100DEE Datasheet HTML 2Page - STMicroelectronics STPS6M100DEE Datasheet HTML 3Page - STMicroelectronics STPS6M100DEE Datasheet HTML 4Page - STMicroelectronics STPS6M100DEE Datasheet HTML 5Page - STMicroelectronics STPS6M100DEE Datasheet HTML 6Page - STMicroelectronics STPS6M100DEE Datasheet HTML 7Page - STMicroelectronics STPS6M100DEE Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
STPS6M100DEE
2/8
Doc ID 023259 Rev 1
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 0.56 x IF(AV) + 0.0133 x IF
2
(RMS)
Table 2.
Absolute ratings (limiting values Tamb = 25 °C unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
100
V
IF(RMS)
Forward rms current
15
A
IF(AV)
Average forward current
Tc = 130 °C
= 0.5
6
A
IFSM
Surge non repetitive forward current tp = 10 ms sinusoidal
100
A
P
ARM
(1)
1.
For pulse time duration deratings, please refer to Figure 3. More details regarding the avalanche energy
measurements and diode validation in the avalanche are provided in the STMicroelectronics Application
notes AN1768, “Admissible avalanche power of Schottky diodes” and AN2025, “Converter improvement
using Schottky rectifier avalanche specification”.
Repetitive peak avalanche power
tp = 10 µs Tj = 125 °C
480
W
Tstg
Storage temperature range
-65 to +150
°C
Tj
Maximum operating junction temperature
150
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
4
°C/W
Table 4.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test: tp = 5 ms,  < 2%
Reverse leakage current
Tj = 25 °C
VR = VRRM
-30
µA
Tj = 125 °C
-
5
15
mA
VF
(2)
2.
Pulse test: tp = 380 µs,  < 2%
Forward voltage drop
Tj = 25 °C
IF = 6A
0.78
V
Tj = 125 °C
-
0.58
0.64


同様の部品番号 - STPS6M100DEE

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STPS6M100SF STMICROELECTRONICS-STPS6M100SF Datasheet
322Kb / 9P
   100 V power Schottky rectifier
July 2018 Rev 1
More results

同様の説明 - STPS6M100DEE

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STPS20H100CR STMICROELECTRONICS-STPS20H100CR Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20H100C BCDSEMI-MBR20H100C_10 Datasheet
1Mb / 11P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR10150C BCDSEMI-MBR10150C Datasheet
437Kb / 9P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com