データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

9337CKE100M データシート(PDF) 8 Page - RF Micro Devices

部品番号 9337CKE100M
部品情報  280W GaN WIDEBAND PULSED POWER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RFMD [RF Micro Devices]
ホームページ  http://www.rfmd.com
Logo RFMD - RF Micro Devices

9337CKE100M データシート(HTML) 8 Page - RF Micro Devices

Back Button 9337CKE100M Datasheet HTML 3Page - RF Micro Devices 9337CKE100M Datasheet HTML 4Page - RF Micro Devices 9337CKE100M Datasheet HTML 5Page - RF Micro Devices 9337CKE100M Datasheet HTML 6Page - RF Micro Devices 9337CKE100M Datasheet HTML 7Page - RF Micro Devices 9337CKE100M Datasheet HTML 8Page - RF Micro Devices 9337CKE100M Datasheet HTML 9Page - RF Micro Devices 9337CKE100M Datasheet HTML 10Page - RF Micro Devices 9337CKE100M Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8 of 11
RF3928
DS120508
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Bias Instruction for RF3928 Evaluation Board
ESD Sensitive Material. Please use proper ESD precautions when handling devices of evaluation board. Evaluation board
requires additional external fan cooling. Connect all supplies before powering evaluation board.
1. Connect RF cables at RFIN and RFOUT.
2. Connect ground to the ground supply terminal, and ensure that both the VG and VD grounds are also connected to this
ground terminal.
3. Apply -6V to VG.
4. Apply 50V to VD.
5. Increase VG until drain current reaches 440mA or desired bias point.
6. Turn on the RF input.
IMPORTANT NOTE: Depletion mode device, when biasing the device VG must be applied BEFORE VD. When removing bias VD
must be removed BEFORE VG is removed. Failure to follow sequencing will cause the device to fail.
NOTE: For optimal RF performance, consistent and optimal heat removal from the base of the package is required. A thin layer
of thermal grease should be applied to the interface between the base of the package and the equipment chassis. It is recom-
mended a small amount of thermal grease is applied to the underside of the device package. Even application and removal of
excess thermal grease can be achieved by spreading the thermal grease using a razor blade. The package should then be
bolted to the chassis and input and output leads soldered to the circuit board.
RFIN
RFOUT
Vg
Vd
RF3928
2.8 – 3.4GHz


同様の部品番号 - 9337CKE100M

メーカー部品番号データシート部品情報
logo
RF Micro Devices
9337CKE100M RFMD-9337CKE100M Datasheet
773Kb / 11P
   380W GaN WIDEBAND PULSED
More results

同様の説明 - 9337CKE100M

メーカー部品番号データシート部品情報
logo
RF Micro Devices
RFHA1025 RFMD-RFHA1025 Datasheet
871Kb / 10P
   280W GaN Wideband Pulsed Power Amplifier
RFHA1020 RFMD-RFHA1020 Datasheet
745Kb / 10P
   280W GaN WIDE-BAND PULSED POWER AMPLIFIER
RF3928B RFMD-RF3928B Datasheet
773Kb / 11P
   380W GaN WIDEBAND PULSED
RFHA1023 RFMD-RFHA1023 Datasheet
1Mb / 10P
   225W GaN Wideband Pulsed Power Amplifier
logo
M/A-COM Technology Solu...
MAGX-000035-05000P MA-COM-MAGX-000035-05000P_15 Datasheet
1Mb / 9P
   GaN Wideband 50 W Pulsed Transistor in Plastic Package
MAGX-000035-01500P MA-COM-MAGX-000035-01500P Datasheet
1Mb / 10P
   GaN Wideband 15 W Pulsed Transistor in Plastic Package
MAGX-000035-01500P MA-COM-MAGX-000035-01500P_15 Datasheet
1Mb / 10P
   GaN Wideband 15 W Pulsed Transistor in Plastic Package
MAGX-002731-030L00 MA-COM-MAGX-002731-030L00_15 Datasheet
310Kb / 7P
   GaN HEMT Pulsed Power Transistor
MAGX-003135-030L00 MA-COM-MAGX-003135-030L00 Datasheet
908Kb / 8P
   GaN HEMT Pulsed Power Transistor
MAGX-000035-09000P MA-COM-MAGX-000035-09000P Datasheet
1Mb / 11P
   GaN Wideband 90 W Pulsed Transistor in Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com