データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7427004 データシート(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 7427004
部品情報  WE-AFB EMI Suppression Axial Ferrite Bead
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7427004 データシート(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7427004 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427004 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427004 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427004 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5.0
4.0
REV
2012-09-27
2006-06-28
DATE
SSt
SMu
BY
SMu
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-AFB EMI Suppression Axial Ferrite
Bead
Order.- No.
7427004
SIZE
A4
A Dimensions: [mm]
B Applicable Cable Diameter: [mm]
D Electrical Properties:
Properties
Impedance @ 25 MHz 1 turn
Impedance @ 100 MHz 1 turn
Impedance @ 25 MHz 2 turns
Impedance @ 100 MHz 2 turns
Test conditions
25 MHz
100 MHz
25 MHz
100 MHz
Z
Z
Z
Z
Value
180
258
767
709
Unit
Ω
Ω
Ω
Ω
Tol.
±25%
±25%
typ.
typ.
E General information:
Storage Temperature (before assembly): -20°C to +60°C
Operating Temperature: -25°C to +125°C
Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 7427004

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
74270043 WURTH-74270043 Datasheet
398Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
74270044 WURTH-74270044 Datasheet
435Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
74270045 WURTH-74270045 Datasheet
397Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
More results

同様の説明 - 7427004

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
74270036 WURTH-74270036 Datasheet
423Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
74270032 WURTH-74270032 Datasheet
395Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
74270045 WURTH-74270045 Datasheet
397Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
7427005 WURTH-7427005 Datasheet
402Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
7427006 WURTH-7427006 Datasheet
418Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
7427009 WURTH-7427009 Datasheet
402Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
74270035 WURTH-74270035 Datasheet
425Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
74270051 WURTH-74270051 Datasheet
404Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
742700781 WURTH-742700781 Datasheet
433Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
74270095 WURTH-74270095 Datasheet
417Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com