データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STEVAL-TDR003V1 データシート(PDF) 1 Page - STMicroelectronics

部品番号 STEVAL-TDR003V1
部品情報  2-stage RF power amp: PD84001 PD54008L-E LPF N-channel enhancement-mode lateral MOSFETs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR003V1 データシート(HTML) 1 Page - STMicroelectronics

  STEVAL-TDR003V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
March 2010
Doc ID 17343 Rev 1
1/20
20
STEVAL-TDR003V1
2-stage RF power amp: PD84001 + PD54008L-E + LPF
N-channel enhancement-mode lateral MOSFETs
Feature
Excellent thermal stability
Frequency: 135 - 175 MHz
Supply voltage: 7.2 V
Output power: 5 W
Current < 1.5 A
Input power < 10 dBm
Harmonics level < -70 dBc
Load mismatch 20:1
VAPC 5 V max
BeO free amplifier
RoHS compliant
Description
The STEVAL-TDR003V1 is a 2-stage RF power
amplifier including output low-pass filter (LPF) for
harmonics rejection, specifically designed for
portable two-way VHF radio communication.
Table 1.
Device summary
Order code
STEVAL-TDR003V1
Mechanical specification:
L = 40 mm, W = 20 mm
www.st.com


同様の部品番号 - STEVAL-TDR003V1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STEVAL-TDR001V1 STMICROELECTRONICS-STEVAL-TDR001V1 Datasheet
670Kb / 17P
   2 stage RF power amp: PD84001 PD54003L-E LPF N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR005V1 STMICROELECTRONICS-STEVAL-TDR005V1 Datasheet
255Kb / 11P
   RF power amplifier using 2 x SD2943 N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR006V1 STMICROELECTRONICS-STEVAL-TDR006V1 Datasheet
556Kb / 18P
   2 stage RF power amp: PD84001 PD84008L-E LPF N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR007V1 STMICROELECTRONICS-STEVAL-TDR007V1 Datasheet
393Kb / 11P
   3 stage RF power amplifier demonstration board using: PD57002-E, PD57018-E, 2 x PD57060-E
STEVAL-TDR009V1 STMICROELECTRONICS-STEVAL-TDR009V1 Datasheet
349Kb / 13P
   RF power amplifier demonstration board using: 2 x SD2932 N-channel enhancement-mode lateral MOSFETs
More results

同様の説明 - STEVAL-TDR003V1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
AB-54008L-175 STMICROELECTRONICS-AB-54008L-175 Datasheet
665Kb / 20P
   2 stages RF power amp: PD84001-E PD54008L-E LPF N-Channel Enhancement-Mode Lateral MOSFETs
STEVAL-TDR006V1 STMICROELECTRONICS-STEVAL-TDR006V1 Datasheet
556Kb / 18P
   2 stage RF power amp: PD84001 PD84008L-E LPF N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR001V1 STMICROELECTRONICS-STEVAL-TDR001V1 Datasheet
670Kb / 17P
   2 stage RF power amp: PD84001 PD54003L-E LPF N-channel enhancement-mode lateral MOSFETs
logo
Freescale Semiconductor...
AFT21S230SR3 FREESCALE-AFT21S230SR3 Datasheet
559Kb / 15P
   RF Power LDMOS Transistors N--Channel Enhancement--Mode Lateral MOSFETs
logo
STMicroelectronics
STEVAL-TDR023V1 STMICROELECTRONICS-STEVAL-TDR023V1 Datasheet
520Kb / 8P
   RF power amplifier using 1 x PD55025-E N-channel enhancement-mode lateral MOSFETs
logo
Motorola, Inc
MRF5S19130R3 MOTOROLA-MRF5S19130R3 Datasheet
417Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF184R1 MOTOROLA-MRF184R1 Datasheet
1,015Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
logo
Freescale Semiconductor...
MRFE6S9125NR1 FREESCALE-MRFE6S9125NR1 Datasheet
598Kb / 18P
   N-Channel Enhancement-Mode Lateral MOSFETs
logo
STMicroelectronics
DB-2933-54 STMICROELECTRONICS-DB-2933-54 Datasheet
678Kb / 13P
   RF POWER amplifier using 2 x SD2933 N-Channel enhancement-mode lateral MOSFETs
logo
Freescale Semiconductor...
MRF6V2150N FREESCALE-MRF6V2150N Datasheet
205Kb / 8P
   N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com