データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STEVAL-TDR022V1 データシート(PDF) 3 Page - STMicroelectronics

部品番号 STEVAL-TDR022V1
部品情報  RF power amplifier using the PD85025-E for UHF OFDM and 2-way mobile radios
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR022V1 データシート(HTML) 3 Page - STMicroelectronics

  STEVAL-TDR022V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TDR022V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TDR022V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR022V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR022V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR022V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR022V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR022V1 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STEVAL-TDR022V1
Electrical characteristics
Doc ID 18079 Rev 1
3/8
1
Electrical characteristics
TA = + 25 °C, VDD = 15 V, Idq = 220 mA
Table 2.
Electrical specification
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Freq
Frequency range
340
520
MHz
POUT
2 Tones test - DF = 600 kHz
10
WPEP
Gain
@ POUT = 10 WPEP
16.5
dB
ID
Drain current @ 10W PEP
1.25
A
H2
2nd harmonic @ POUT = 10 WPEP
-37 / -60
dB
H3
3rd harmonic @ POUT = 10 WPEP
-60 / -68
dB
VSWR
Load mismatch all phases @ POUT = 10 W
20:1


同様の部品番号 - STEVAL-TDR022V1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STEVAL-TDR020V1 STMICROELECTRONICS-STEVAL-TDR020V1 Datasheet
206Kb / 11P
   Portable UHF 2-way radio demonstration board based on the PD84006L-E
STEVAL-TDR021V1 STMICROELECTRONICS-STEVAL-TDR021V1 Datasheet
352Kb / 11P
   Demonstration board using the PD84008L-E for 900 MHz 2-way radio
STEVAL-TDR023V1 STMICROELECTRONICS-STEVAL-TDR023V1 Datasheet
520Kb / 8P
   RF power amplifier using 1 x PD55025-E N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR025V1 STMICROELECTRONICS-STEVAL-TDR025V1 Datasheet
474Kb / 10P
   Portable UHF 2-way radio demonstration board based on the PD84001
STEVAL-TDR027V1 STMICROELECTRONICS-STEVAL-TDR027V1 Datasheet
215Kb / 11P
   Portable UHF 2-way radio demonstration board based on the PD84008L-E
More results

同様の説明 - STEVAL-TDR022V1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STEVAL-TDR017V1 STMICROELECTRONICS-STEVAL-TDR017V1 Datasheet
143Kb / 8P
   Demonstration board using the PD84001 for UHF RFID reader and 2-way radio
logo
Motorola, Inc
MHW812A3 MOTOROLA-MHW812A3 Datasheet
243Kb / 4P
   THE RF LINE UHF POWER AMPLIFIER
logo
STMicroelectronics
STEVAL-TDR021V1 STMICROELECTRONICS-STEVAL-TDR021V1 Datasheet
352Kb / 11P
   Demonstration board using the PD84008L-E for 900 MHz 2-way radio
logo
M/A-COM Technology Solu...
MAPD-009278-5T1000 MA-COM-MAPD-009278-5T1000 Datasheet
126Kb / 2P
   E-Series RF 2-Way 0째 Power Divider
logo
STMicroelectronics
STEVAL-TDR014V1 STMICROELECTRONICS-STEVAL-TDR014V1 Datasheet
750Kb / 11P
   Demonstration board based on the PD55008-E for UHF mobile radio
STEVAL-TDR027V1 STMICROELECTRONICS-STEVAL-TDR027V1 Datasheet
215Kb / 11P
   Portable UHF 2-way radio demonstration board based on the PD84008L-E
STEVAL-TDR020V1 STMICROELECTRONICS-STEVAL-TDR020V1 Datasheet
206Kb / 11P
   Portable UHF 2-way radio demonstration board based on the PD84006L-E
STEVAL-TDR007V1 STMICROELECTRONICS-STEVAL-TDR007V1 Datasheet
393Kb / 11P
   3 stage RF power amplifier demonstration board using: PD57002-E, PD57018-E, 2 x PD57060-E
UM0890 STMICROELECTRONICS-UM0890 Datasheet
442Kb / 7P
   2-stage RF power amplifier with LPF based on the PD85006L-E and STAP85050 RF power transistors
logo
Advanced Power Technolo...
MS1402 ADPOW-MS1402 Datasheet
90Kb / 3P
   RF AND MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com