データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STEVAL-TDR027V1 データシート(PDF) 7 Page - STMicroelectronics

部品番号 STEVAL-TDR027V1
部品情報  Portable UHF 2-way radio demonstration board based on the PD84008L-E
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR027V1 データシート(HTML) 7 Page - STMicroelectronics

Back Button STEVAL-TDR027V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR027V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR027V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR027V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR027V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR027V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR027V1 Datasheet HTML 9Page - STMicroelectronics STEVAL-TDR027V1 Datasheet HTML 10Page - STMicroelectronics STEVAL-TDR027V1 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
STEVAL-TDR027V1
Test circuit
Doc ID 18109 Rev 1
7/11
4
Test circuit
Figure 9.
Test circuit schematic diagram
+
TL6
TL5
C12
C13
RFout
C11
L4
C10
L3
C9
C6
TL1
RFin
TL2
C8
PD84008L-E
LDMOS
R2
R1
R3
C7
L2
L1
C2
C1
Vcc
2 -
1 +
C4
C5
C3
B2
TL4
TL3
D1
FR4
H=60 mil
MSub
B1
Table 4.
Component list
Component
ID
Description
Value
Case size
Manufacturer
Part code
B1
Ferrite bead
Panasonic
EXCELDRC35C
B2
Panasonic
EXCELDRC35C
C1, C2
Capacitor
120 pF
1206
MURATA
GRM42-6 COG 121J
50_
C3
1 nF
1206
MURATA
GRM42-6 COG 102J 50
C4
100 nF
1206
MURATA
GRM42-6_X7R 104K
50_
C5
10 uF
SMT
Panasonic
EEVHB1V100P
C6, C13
33 pF
100B
ATC
ATC 100B 330JW
C7
22 pF
100B
ATC
ATC 100B 220JW
C8
47 pF
100B
ATC
ATC 100B 470JW
C9
39 pF
100B
ATC
ATC 100B 390JW
C10
15 pF
100B
ATC
ATC 100B 150JW
C11
6.8 pF
100B
ATC
ATC 100B 6R8BW
C12
2.2 pF
100B
ATC
ATC 100B 2R2BW
D1
Zener diode
5.1 V
SOD110
Philips
BZX284C5V1
L1
Inductor
18.5 nH
Coilcraft
A05T
L2
5 nH
Coilcraft
A02T
L3, L4
2.5 nH
Coilcraft
A01T
R1
Resistor
1 k
1206
Tyco Electronics
01623440-1


同様の部品番号 - STEVAL-TDR027V1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STEVAL-TDR020V1 STMICROELECTRONICS-STEVAL-TDR020V1 Datasheet
206Kb / 11P
   Portable UHF 2-way radio demonstration board based on the PD84006L-E
STEVAL-TDR021V1 STMICROELECTRONICS-STEVAL-TDR021V1 Datasheet
352Kb / 11P
   Demonstration board using the PD84008L-E for 900 MHz 2-way radio
STEVAL-TDR022V1 STMICROELECTRONICS-STEVAL-TDR022V1 Datasheet
326Kb / 8P
   RF power amplifier using the PD85025-E for UHF OFDM and 2-way mobile radios
STEVAL-TDR023V1 STMICROELECTRONICS-STEVAL-TDR023V1 Datasheet
520Kb / 8P
   RF power amplifier using 1 x PD55025-E N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR025V1 STMICROELECTRONICS-STEVAL-TDR025V1 Datasheet
474Kb / 10P
   Portable UHF 2-way radio demonstration board based on the PD84001
More results

同様の説明 - STEVAL-TDR027V1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STEVAL-TDR020V1 STMICROELECTRONICS-STEVAL-TDR020V1 Datasheet
206Kb / 11P
   Portable UHF 2-way radio demonstration board based on the PD84006L-E
STEVAL-TDR025V1 STMICROELECTRONICS-STEVAL-TDR025V1 Datasheet
474Kb / 10P
   Portable UHF 2-way radio demonstration board based on the PD84001
STEVAL-TDR021V1 STMICROELECTRONICS-STEVAL-TDR021V1 Datasheet
352Kb / 11P
   Demonstration board using the PD84008L-E for 900 MHz 2-way radio
STEVAL-TDR014V1 STMICROELECTRONICS-STEVAL-TDR014V1 Datasheet
750Kb / 11P
   Demonstration board based on the PD55008-E for UHF mobile radio
STEVAL-TDR017V1 STMICROELECTRONICS-STEVAL-TDR017V1 Datasheet
143Kb / 8P
   Demonstration board using the PD84001 for UHF RFID reader and 2-way radio
STEVAL-TDR019V1 STMICROELECTRONICS-STEVAL-TDR019V1 Datasheet
202Kb / 9P
   Demonstration board using the PD85004 for 900 MHz 2-way radio
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
   MEMS: demonstration board based on the LPR4150AL
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
   Demonstration programmer board based on the STPM01
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
   charger demonstration board based on the VIPER17HN
STEVAL-PCC012V1 STMICROELECTRONICS-STEVAL-PCC012V1 Datasheet
481Kb / 10P
   Connectivity gateway demonstration board based on the STM32F107
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com