データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STEVAL-IKR001V6 データシート(PDF) 4 Page - STMicroelectronics

部品番号 STEVAL-IKR001V6
部品情報  Sub-GHz transceiver development kit based on the SPIRIT1 (920 MHz band)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IKR001V6 データシート(HTML) 4 Page - STMicroelectronics

  STEVAL-IKR001V6 Datasheet HTML 1Page - STMicroelectronics STEVAL-IKR001V6 Datasheet HTML 2Page - STMicroelectronics STEVAL-IKR001V6 Datasheet HTML 3Page - STMicroelectronics STEVAL-IKR001V6 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
STEVAL-IKR001V6
4/4
Doc ID 023345 Rev 2
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries (“ST”) reserve the
right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any
time, without notice.
All ST products are sold pursuant to ST’s terms and conditions of sale.
Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no
liability whatsoever relating to the choice, selection or use of the ST products and services described herein.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this
document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products
or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such
third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST’S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED
WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED
WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS
OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT.
UNLESS EXPRESSLY APPROVED IN WRITING BY TWO AUTHORIZED ST REPRESENTATIVES, ST PRODUCTS ARE NOT
RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING
APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY,
DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE
GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER’S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void
any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any
liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries.
Information in this document supersedes and replaces all information previously supplied.
The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
© 2012 STMicroelectronics - All rights reserved
STMicroelectronics group of companies
Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan -
Malaysia - Malta - Morocco - Philippines - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America
www.st.com


同様の部品番号 - STEVAL-IKR001V6

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STEVAL-IKR001V1 STMICROELECTRONICS-STEVAL-IKR001V1 Datasheet
246Kb / 4P
   Sub-GHz transceiver development kit based on the SPIRIT1 (169 MHz band)
STEVAL-IKR001V2 STMICROELECTRONICS-STEVAL-IKR001V2 Datasheet
244Kb / 4P
   Sub-GHz transceiver development kit based on the SPIRIT1 (315 MHz band)
STEVAL-IKR001V3 STMICROELECTRONICS-STEVAL-IKR001V3 Datasheet
242Kb / 4P
   Sub-GHz transceiver development kit based on the SPIRIT1 (433 MHz band)
STEVAL-IKR001V4 STMICROELECTRONICS-STEVAL-IKR001V4 Datasheet
237Kb / 4P
   Sub-GHz transceiver development kit based on the SPIRIT1 (868 MHz band)
STEVAL-IKR001V5 STMICROELECTRONICS-STEVAL-IKR001V5 Datasheet
91Kb / 4P
   Sub-GHz transceiver development kit based on the SPIRIT1 (915 MHz band)
More results

同様の説明 - STEVAL-IKR001V6

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STEVAL-IKR001V4 STMICROELECTRONICS-STEVAL-IKR001V4 Datasheet
237Kb / 4P
   Sub-GHz transceiver development kit based on the SPIRIT1 (868 MHz band)
STEVAL-IKR001V3 STMICROELECTRONICS-STEVAL-IKR001V3 Datasheet
242Kb / 4P
   Sub-GHz transceiver development kit based on the SPIRIT1 (433 MHz band)
STEVAL-IKR001V1 STMICROELECTRONICS-STEVAL-IKR001V1 Datasheet
246Kb / 4P
   Sub-GHz transceiver development kit based on the SPIRIT1 (169 MHz band)
STEVAL-IKR001V2 STMICROELECTRONICS-STEVAL-IKR001V2 Datasheet
244Kb / 4P
   Sub-GHz transceiver development kit based on the SPIRIT1 (315 MHz band)
STEVAL-IKR001V5 STMICROELECTRONICS-STEVAL-IKR001V5 Datasheet
91Kb / 4P
   Sub-GHz transceiver development kit based on the SPIRIT1 (915 MHz band)
STEVAL-FKI868V1 STMICROELECTRONICS-STEVAL-FKI868V1 Datasheet
253Kb / 4P
   Sub-1 GHz transceiver development kit based on S2-LP
November 2016 Rev 1
AN4133 STMICROELECTRONICS-AN4133 Datasheet
1Mb / 35P
   Using the SPIRIT1 transceiver under ARIB STD-T108 in the 920 MHz band
UM1657 STMICROELECTRONICS-UM1657 Datasheet
1Mb / 48P
   SPIRIT1 development kit
AN4148 STMICROELECTRONICS-AN4148 Datasheet
1Mb / 13P
   Using the SPIRIT1 transceiver under ARIB STD-T93 in the 315 MHz band
logo
Murata Manufacturing Co...
DR-TRC104-2400-DK MURATA-DR-TRC104-2400-DK Datasheet
45Kb / 1P
   2.4 GHz Transceiver IC Development Kit
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com