データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STEVAL-ISS001V1 データシート(PDF) 1 Page - STMicroelectronics

部品番号 STEVAL-ISS001V1
部品情報  Line interactive 450 W UPS reference design - 120 V / 60 Hz model
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISS001V1 データシート(HTML) 1 Page - STMicroelectronics

  STEVAL-ISS001V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISS001V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISS001V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISS001V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
April 2008
Rev 1
1/4
4
STEVAL-ISS001V1
Line interactive 450 W
UPS reference design - 120 V / 60 Hz model
Features
Output rating power: 700 VA / 450 W
Input voltage: 83 Vac ± 3% - 153 Vac ± 3%
Input frequency: 60 Hz
Output voltage: 96 - 138 Vac ± 3 Vac
Output frequency: 60 Hz ± 0.1 Hz
On battery output waveform: quasi-sine
(square wave)
Transfer time: Class 3 [EN62040-3]
Typical recharge time: 8h
Backup time (full load): 2.5 - 3 min.
Battery quantity: 2 pieces
Battery nominal voltage: 12 V
Battery capacity: 7.2 Ah
Battery recharge: two steps
Operating temperature: 0 °C to + 40 °C
Storage temperature: - 20 °C to + 60 °C
Size (H x W x D): 175 mm x 120 mm x 430 mm
Weight: 11 kg
Shipping weight: 11.5 kg
EMI classification: EN 62040-2
Description
This UPS reference design was built employing
off-line topology with AVR boost and buck
regulation of the mains. The inverter module
contains the push-pull DC-DC converter and the
DC-AC output full bridge generating a quasi-sine
waveform.
A microcontroller controls all UPS functions. It
monitors the mains parameters (input/output
mains voltage and phase, output inverter voltage,
battery voltage, output current and output power)
in order to ensure the proper level of the output
voltage.
The UPS was designed with RS-232 joint signal
and USB interfaces (USB for RS-232 converter). It
is possible to connect the UPS to a PC using an
RS-232 or USB cable and control the UPS status
through the "UPS Monitor 3.0x" software that
must be installed on the same PC.
STEVAL-ISS001V1
www.st.com


同様の部品番号 - STEVAL-ISS001V1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STEVAL-ISS001V2 STMICROELECTRONICS-STEVAL-ISS001V2 Datasheet
113Kb / 4P
   Line interactive 450 W UPS reference design - 230 V / 50 Hz model
More results

同様の説明 - STEVAL-ISS001V1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STEVAL-ISS001V2 STMICROELECTRONICS-STEVAL-ISS001V2 Datasheet
113Kb / 4P
   Line interactive 450 W UPS reference design - 230 V / 50 Hz model
logo
NXP Semiconductors
UM10486 PHILIPS-UM10486 Datasheet
601Kb / 18P
   UBA2015P reference design 120 V (AC)
Rev. 1.1-8 September 2011
UM10513 PHILIPS-UM10513 Datasheet
1Mb / 26P
   UBA2015AT Reference Design 120 V (AC)
Rev. 1.1-31 January 2012
logo
Sparkle Power Inc.
SPU-1500-US SPI-SPU-1500-US Datasheet
4Mb / 1P
   1500 VA/ 900W line interactive UPS
logo
List of Unclassifed Man...
S3K700 ETC2-S3K700 Datasheet
192Kb / 2P
   S3K Mini-Tower Line-Interactive UPS
logo
Tripp Lite. All Rights ...
OMNIVS1000LCD TRIPPLITE-OMNIVS1000LCD Datasheet
175Kb / 5P
   1000VA 560W Line-Interactive UPS - 8 NEMA 5-15R Outlets, AVR, 120V, 50/60 Hz, USB, LCD, Tower
OMNI750ISO TRIPPLITE-OMNI750ISO Datasheet
498Kb / 5P
   OmniSmart 750VA Tower Line-Interactive 120V UPS
logo
List of Unclassifed Man...
SMART2200NET ETC2-SMART2200NET Datasheet
512Kb / 6P
   SmartPro 2.2kVA Line Interactive UPS, Serial, 120V
logo
Tripp Lite. All Rights ...
OMNI500ISO TRIPPLITE-OMNI500ISO Datasheet
496Kb / 5P
   OmniSmart 500VA Tower Line-Interactive 120V UPS
logo
Tumbler Technologies + ...
OMNISMART300PNP TRUMPOWER-OMNISMART300PNP Datasheet
489Kb / 5P
   OmniSmart 300VA Tower Line-Interactive 120V UPS
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com