データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7427210 データシート(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 7427210
部品情報  WE-FLAT Flat Ferrite Core
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7427210 データシート(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7427210 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427210 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427210 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427210 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
4.0
3.0
REV
2012-09-18
2006-10-12
DATE
SSt
SMu
BY
SMu
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-FLAT Flat Ferrite Core
Order.- No.
7427210
SIZE
A4
D2 General Properties:
Cable diameter
Cable diameter
Ferrite core
Ferrite core
Ferrite core
Test cable
Test cable
Properties
Number of poles
grid
Material
Initial permeability
Curie temperature
Applicable cable
Applicable cable length
µi
TC
Value
21
1.27
4 W 620
620
150
AWG26
220
Unit
mm
°C
mm
Tol.
typ.
typ.
F Typical Impedance Characteristics:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 7427210

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
7427211 WURTH-7427211 Datasheet
424Kb / 4P
   WE-FLAT Flat Ferrite Core
7427212 WURTH-7427212 Datasheet
421Kb / 4P
   WE-FLAT Flat Ferrite Core
7427213 WURTH-7427213 Datasheet
433Kb / 4P
   WE-FLAT Flat Ferrite Core
74272131 WURTH-74272131 Datasheet
786Kb / 6P
   WE-STAR-TEC LFS Snap Ferrite with safety key technology
001.002
74272132 WURTH-74272132 Datasheet
361Kb / 4P
   WE-STAR-TEC LFS Snap Ferrite with safety key technology
001.000
More results

同様の説明 - 7427210

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
7427225 WURTH-7427225 Datasheet
459Kb / 4P
   WE-FLAT Flat Ferrite Core
7427226 WURTH-7427226 Datasheet
446Kb / 4P
   WE-FLAT Flat Ferrite Core
7427228 WURTH-7427228 Datasheet
430Kb / 4P
   WE-FLAT Flat Ferrite Core
7427230 WURTH-7427230 Datasheet
419Kb / 4P
   WE-FLAT Flat Ferrite Core
74272141 WURTH-74272141 Datasheet
444Kb / 4P
   WE-FLAT Flat Ferrite Core
7427236 WURTH-7427236 Datasheet
422Kb / 4P
   WE-FLAT Flat Ferrite Core
7427221 WURTH-7427221 Datasheet
460Kb / 4P
   WE-FLAT Flat Ferrite Core
7427216 WURTH-7427216 Datasheet
453Kb / 4P
   WE-FLAT Flat Ferrite Core
7427222 WURTH-7427222 Datasheet
431Kb / 4P
   WE-FLAT Flat Ferrite Core
7427227 WURTH-7427227 Datasheet
465Kb / 4P
   WE-FLAT Flat Ferrite Core
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com