データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA12056-TINA2-W データシート(PDF) 1 Page - Cree, Inc

部品番号 CA12056-TINA2-W
部品情報  Tina2 series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

CA12056-TINA2-W データシート(HTML) 1 Page - Cree, Inc

  CA12056-TINA2-W Datasheet HTML 1Page - Cree, Inc CA12056-TINA2-W Datasheet HTML 2Page - Cree, Inc CA12056-TINA2-W Datasheet HTML 3Page - Cree, Inc CA12056-TINA2-W Datasheet HTML 4Page - Cree, Inc CA12056-TINA2-W Datasheet HTML 5Page - Cree, Inc CA12056-TINA2-W Datasheet HTML 6Page - Cree, Inc CA12056-TINA2-W Datasheet HTML 7Page - Cree, Inc CA12056-TINA2-W Datasheet HTML 8Page - Cree, Inc CA12056-TINA2-W Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PRODUCT DATASHEET
Tina2 series
last update 15/10/2012
Ordering number
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
CA11016_TINA2-RS
Tina2
Assembly
XP-G
Black
16.1 mm
9.7 mm
Round
PMMA
PC
Tape
Ready
FWHM
Efficiency
cd/lm
Gerber File
15 degrees
93 %
9.000
Available
Ordering number
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
CP12678_TINA2-D
Tina2
Assembly
XP-G
Black
16.1 mm
9.65 mm
Round
PMMA
PC
Glue
Ready
FWHM
Efficiency
cd/lm
Gerber File
16 degrees
91 %
7.000
Available
Ordering number
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
CA11420_TINA2-D
Tina2
Assembly
XP-G
Black
16.1 mm
9.66 mm
Round
PMMA
PC
Tape
Ready
FWHM
Efficiency
cd/lm
Gerber File
17 degrees
91 %
5.520
Available
Ordering number
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
CA11017_TINA2-M
Tina2
Assembly
XP-G
Black
16.1 mm
9.7 mm
Round
PMMA
PC
Tape
Ready
FWHM
Efficiency
cd/lm
Gerber File
30 degrees
88 %
2.800
Available
October 17th 2012 22:03 Copyright Ledil Oy - Subject to change without prior notice - Page 1/4
Ledil Oy
Salorankatu 10
24240 SALO
Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


同様の部品番号 - CA12056-TINA2-W

メーカー部品番号データシート部品情報
logo
Cree, Inc
CA12056 CREE-CA12056 Datasheet
1Mb / 17P
   Tina series
logo
Ledil, Inc.
CA12056 LEDIL-CA12056 Datasheet
2Mb / 5P
   ~45째 wide beam optimized for CREE XP-E.
CA12056 LEDIL-CA12056_18 Datasheet
2Mb / 5P
   ~45째 wide beam optimized for CREE XP-E.
More results

同様の説明 - CA12056-TINA2-W

メーカー部品番号データシート部品情報
logo
Cree, Inc
CP12671-TINA2-D CREE-CP12671-TINA2-D Datasheet
883Kb / 12P
   Tina2 series
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com