データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL1903FAZ データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL1903FAZ
部品情報  Dimmable Buck LED Driver - AC Mains or DC Input LED Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1903FAZ データシート(HTML) 1 Page - Intersil Corporation

  ISL1903FAZ Datasheet HTML 1Page - Intersil Corporation ISL1903FAZ Datasheet HTML 2Page - Intersil Corporation ISL1903FAZ Datasheet HTML 3Page - Intersil Corporation ISL1903FAZ Datasheet HTML 4Page - Intersil Corporation ISL1903FAZ Datasheet HTML 5Page - Intersil Corporation ISL1903FAZ Datasheet HTML 6Page - Intersil Corporation ISL1903FAZ Datasheet HTML 7Page - Intersil Corporation ISL1903FAZ Datasheet HTML 8Page - Intersil Corporation ISL1903FAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2012. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
Dimmable Buck LED Driver - AC Mains or DC Input LED
Driver
ISL1903
The ISL1903 is a high-performance, critical conduction mode
(CrCM), single-ended buck LED driver controller. It may be used
with DC input converters, but also supports single-stage
conversion of the AC mains to a constant current source with
power factor correction (PFC). The ISL1903 supports buck
converter topologies, such as isolated forward converters or
non-isolated source return buck converters. Operation in CrCM
allows near zero-voltage switching (ZVS) for improved
efficiency while maximizing magnetic core utilization.
The ISL1903 is compatible with both leading and trailing edge
modulated AC mains dimmers. It provides all of the features
required for high-performance dimmable LED ballast designs.
Applications
• Industrial and commercial LED lighting
• Retrofit LED lamps with triac dimming
• Universal AC mains input LED retrofit lamps
• AC or DC input LED ballasts
Features
• Excellent LED current regulation over line, load, and
temperature
• 0 - 100% dimming with leading-edge (triac) and
trailing-edge dimmers
• Power factor correction for up to 0.995 power factor and
less than 20% harmonic content
• Critical conduction mode (CrCM) operation for
quasi-resonant high efficiency performance
• Supports Universal AC Mains Input
• Configurable for PWM or DC current dimming control of
LEDs
• Monitors FET switching current for load regulation
• Supports isolated and non-isolated buck topologies
• Closed loop soft-start for no overshoot
• OFFREF feature to set dimming off-point to improve fixture
performance matching
• -40°C to +125°C operation
• Pb-free (RoHS compliant)
FIGURE 1A. BOOST-RETURN (BUCK) TOPOLOGY
FIGURE 1B. CURRENT vs AC CONDUCTION ANGLE
FIGURE 1. ISL1903 APPLICATION PERFORMANCE
12
EMI Filter
AC Mains
8
13
3
DHC
6
7
DELADJ
GND
VREF
IOUT
OUT
OC
FB
ISL1903
VDD
CS+
5
14
1
4
10
RAMP
16
9
VERR
AC
0
10
20
30
40
50
60
70
80
90
100
100
90
80
70
60
50
40
30
20
10
0
CONDUCTION ANGLE (%)
September 20, 2012
FN8285.1


同様の部品番号 - ISL1903FAZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL1903FAZ RENESAS-ISL1903FAZ Datasheet
888Kb / 19P
   Dimmable Buck LED Driver - AC Mains or DC Input LED Driver
More results

同様の説明 - ISL1903FAZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL1903 RENESAS-ISL1903 Datasheet
888Kb / 19P
   Dimmable Buck LED Driver - AC Mains or DC Input LED Driver
logo
Bright Power Semiconduc...
BP5132HC BPS-BP5132HC Datasheet
494Kb / 2P
   Mains Dimmable Liner LED Driver
BP5152HC BPS-BP5152HC Datasheet
497Kb / 2P
   Mains Dimmable Liner LED Driver
logo
Shenzhen Huazhimei Semi...
HM9912 HMSEMI-HM9912 Datasheet
601Kb / 5P
   DC or AC input LED driver
logo
NXP Semiconductors
AN10952 PHILIPS-AN10952_15 Datasheet
265Kb / 40P
   SSL2103 flexible, mains-dimmable LED driver
Rev. 1-24 December 2010
logo
Diodes Incorporated
AL16937 DIODES-AL16937 Datasheet
327Kb / 15P
   BUCK DIMMABLE LED DRIVER
logo
Intersil Corporation
ISL1902 INTERSIL-ISL1902 Datasheet
872Kb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Renesas Technology Corp
ISL1902 RENESAS-ISL1902 Datasheet
1Mb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
NXP Semiconductors
SSL2102 NXP-SSL2102 Datasheet
116Kb / 21P
   Mains LED driver IC for dimmable LED lighting
Rev. 01-29 June 2009
AN10754 PHILIPS-AN10754_15 Datasheet
214Kb / 37P
   SSL2101 and SSL2102 dimmable mains LED driver
Rev. 4.1-5 November 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com