データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74271633 データシート(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 74271633
部品情報  STAR-GAP Snap Ferrite for RF applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74271633 データシート(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74271633 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74271633 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74271633 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74271633 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2.1
2.0
1.0
REV
2012-06-27
2012-04-30
2007-01-22
DATE
SSt
SSt
SMu
BY
SSt
SMu
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
STAR-GAP Snap Ferrite for RF applications
Order.- No.
74271633
SIZE
A4
A Dimensions: [mm]
Additional Features
Safety key to lock/ unkock
STAR-CLIP Fixation
74271
7427711
B Applicable Cable Diameter: [mm]
D Electrical Properties:
Properties
Impedance @ 25 MHz 1 turn
Impedance @ 25 MHz 2 turns
Impedance @ 100 MHz 1 turn
Impedance @ 100 MHz 2 turns
Impedance @ 200 MHz 1 turn
Impedance @ 200 MHz 2 turns
Impedance @ 300 MHz 1 turn
Impedance @ 300 MHz 2 turns
Impedance @ 500 MHz 1 turn
Impedance @ 500 MHz 2 turns
Test conditions
25 MHz
25 MHz
100 MHz
100 MHz
200 MHz
200 MHz
300 MHz
300 MHz
500 MHz
500 MHz
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Value
28
90
100
400
190
900
250
1750
345
1100
Unit
Ω
Ω
Ω
Ω
Ω
Ω
Ω
Ω
Ω
Ω
Tol.
±25%
±25%
±25%
±25%
±25%
±25%
±25%
±25%
±25%
±25%
E General information:
Storage Temperature (before assembly): 0°C to +40°C
Operating Temperature: -25°C to +105°C
Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 74271633

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
74271633S WURTH-74271633S Datasheet
461Kb / 4P
   STAR-GAP Snap Ferrite for RF applications
More results

同様の説明 - 74271633

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
74271622 WURTH-74271622 Datasheet
469Kb / 4P
   STAR-GAP Snap Ferrite for RF applications
74271622S WURTH-74271622S Datasheet
469Kb / 4P
   STAR-GAP Snap Ferrite for RF applications
74271633S WURTH-74271633S Datasheet
461Kb / 4P
   STAR-GAP Snap Ferrite for RF applications
7427153 WURTH-7427153 Datasheet
509Kb / 4P
   STAR-RING Snap Ferrite with safety key technology
74272475 WURTH-74272475 Datasheet
436Kb / 4P
   STAR-FLAT Snap Ferrite with safety key technology
74272479 WURTH-74272479 Datasheet
443Kb / 4P
   STAR-FLAT Snap Ferrite with safety key technology
74271111 WURTH-74271111 Datasheet
440Kb / 4P
   STAR-TEC Snap Ferrite with safety key technology
742724759 WURTH-742724759 Datasheet
437Kb / 4P
   STAR-FLAT Snap Ferrite with safety key technology
7427247 WURTH-7427247 Datasheet
438Kb / 4P
   STAR-FLAT Snap Ferrite with safety key technology
74271132S WURTH-74271132S Datasheet
448Kb / 4P
   STAR-TEC Snap Ferrite with safety key technology
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com