データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74451039 データシート(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 74451039
部品情報  POWER-CHOKE WE-PD 3
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74451039 データシート(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74451039 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74451039 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74451039 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
A
4,40 ± 0,1
mm
B
8,00 ± 0,1
mm
C
16,0 ± 0,3
mm
D
1,50 ± 0,1
mm
E
2,00 ± 0,1
mm
F
1,75 ± 0,1
mm
G
7,50 ± 0,1
mm
H
6,75 ± 0,1
mm
I
3,20 ± 0,1
mm
T
0,30 ± 0,05
mm
Rollenspezifikation / Reel specification:
a
330,0 ± 0,5
mm
b
20,20 ± 0,2
mm
+ 0,5
- 1,0
d
100,0 ± 0,2
mm
MST
2009-02-09
SST
2005-06-21
MST
2004-10-11
MST
2004-06-03
Name
Datum / date
mm
13,00
c
Version 7
..............................................................................
...............................................................................
74451039
Spezifikation für Freigabe / specification for release
Kunde / customer :
I Rollenspezifikation / Tape and reel specification:
Gurtspezifikation / Tape specification:
Freigabe erteilt / general release:
Kunde / customer
SPEICHERDROSSEL WE-PD 3
POWER-CHOKE WE-PD 3
DATUM / DATE : 2009-02-09
Artikelnummer / part number :
http://www.we-online.com
..............................................................................
...............................................................................
Geprüft / checked
Kontrolliert / approved
Änderung / modification
Version 1
Datum / date
Unterschrift / signature
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenbug · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Würth Elektronik
Version 4
Version 5
I
H
T
Ø c
a
d
b
A
B
C
G
F
E
øD
The force for tearing off cover tape is
10 to 130 grams in arrow direction
165 to 180°
feeding direction
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required
or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control),
transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
SEITE 3 VON 3


同様の部品番号 - 74451039

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
74451033 WURTH-74451033 Datasheet
94Kb / 3P
   POWER-CHOKE WE-PD 3
74451033 WURTH-74451033 Datasheet
1Mb / 6P
   WE-PD3 SMD Shielded Power Inductor
74451033 WURTH-74451033_15 Datasheet
1Mb / 6P
   WE-PD3 SMD Shielded Power Inductor
More results

同様の説明 - 74451039

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
7445101 WURTH-7445101 Datasheet
94Kb / 3P
   POWER-CHOKE WE-PD 3
7445920 WURTH-7445920 Datasheet
150Kb / 3P
   POWER-CHOKE WE-PD 3
74459010 WURTH-74459010 Datasheet
150Kb / 3P
   POWER-CHOKE WE-PD 3
74459147 WURTH-74459147 Datasheet
150Kb / 3P
   POWER-CHOKE WE-PD 3
7445302 WURTH-7445302 Datasheet
151Kb / 3P
   POWER-CHOKE WE-PD 3
7445303 WURTH-7445303 Datasheet
151Kb / 3P
   POWER-CHOKE WE-PD 3
7445404 WURTH-7445404 Datasheet
144Kb / 3P
   POWER-CHOKE WE-PD 3
74451122 WURTH-74451122 Datasheet
94Kb / 3P
   POWER-CHOKE WE-PD 3
74451147 WURTH-74451147 Datasheet
94Kb / 3P
   POWER-CHOKE WE-PD 3
74453112 WURTH-74453112 Datasheet
151Kb / 3P
   POWER-CHOKE WE-PD 3
74454010 WURTH-74454010 Datasheet
144Kb / 3P
   POWER-CHOKE WE-PD 3
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com